Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 53Page - Renesas Technology Corp SH7705 Datasheet HTML 54Page - Renesas Technology Corp SH7705 Datasheet HTML 55Page - Renesas Technology Corp SH7705 Datasheet HTML 56Page - Renesas Technology Corp SH7705 Datasheet HTML 57Page - Renesas Technology Corp SH7705 Datasheet HTML 58Page - Renesas Technology Corp SH7705 Datasheet HTML 59Page - Renesas Technology Corp SH7705 Datasheet HTML 60Page - Renesas Technology Corp SH7705 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 739 page
background image
Rev. 2.00, 09/03, page 11 of 690
Pin No.
FP-
208C
TBP-
208A
Pin Name
I/O
Description
64
U5
A9
O
Address bus
65
P6
A10
O
Address bus
66
R6
A11
O
Address bus
67
T6
A12
O
Address bus
68
U6
A13
O
Address bus
69
P7
VssQ
I/O power supply (0 V)
70
R7
A14
O
Address bus
71
T7
VccQ
I/O power supply (3.3 V)
72
U7
A15
O
Address bus
73
P8
A16
O
Address bus
74
R8
A17
O
Address bus
75
T8
A18
O
Address bus
76
U8
A19/PTK1
O / I/O
Address bus / input/output port K
77
P9
A20/PTK2
O / I/O
Address bus / input/output port K
78
T9
Vss
Internal power supply (0 V)
79
U9
A21/PTK3
O / I/O
Address bus / input/output port K
80
R9
Vcc
Internal power supply (1.5 V)
81
U10
A22/PTK4
O / I/O
Address bus / input/output port K
82
T10
A23/PTK5
O / I/O
Address bus / input/output port K
83
R10
A24/PTK6
O / I/O
Address bus / input/output port K
84
P10
A25/PTK7
O / I/O
Address bus / input/output port K
85
U11
BS/PTC0
O / I/O
Bus cycle start signal / input/output port C
86
T11
RD
O
Read strobe
87
R11
VssQ
I/O power supply (0 V)
88
P11
WE0/DQMLL
O / O
D7 to D0 select signal / DQM (SDRAM)
89
U12
VccQ
I/O power supply (3.3 V)
90
T12
WE1/DQMLU
O / O
D15 to D8 select signal / DQM (SDRAM)
91
R12
WE2/DQMUL/PTC1 O / O / I/O
D23 to D16 select signal / DQM (SDRAM) /
input/output port C
92
P12
WE3/DQMUU/AH/
PTC2
O/O /O/
I/O
D31 to D24 select signal / DQM (SDRAM) /
address hold / input/output port C
93
U13
RD/
WR
O
Read/write
94
T13
CS0
O
Chip select 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com