Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 81Page - Renesas Technology Corp SH7705 Datasheet HTML 82Page - Renesas Technology Corp SH7705 Datasheet HTML 83Page - Renesas Technology Corp SH7705 Datasheet HTML 84Page - Renesas Technology Corp SH7705 Datasheet HTML 85Page - Renesas Technology Corp SH7705 Datasheet HTML 86Page - Renesas Technology Corp SH7705 Datasheet HTML 87Page - Renesas Technology Corp SH7705 Datasheet HTML 88Page - Renesas Technology Corp SH7705 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 739 page
background image
Rev. 2.00, 09/03, page 39 of 690
The little endian mode can also be specified as data format. Either big-endian or little-endian mode
can be selected according to the MD5 pin at reset. When MD5 is low at reset, the processor
operates in big-endian mode. When MD5 is high at reset, the processor operates in little-endian
mode. The endian mode cannot be modified dynamically.
In little endian mode, the MSB byte in the register corresponds to the highest address in the
memory, and the LSB the in the register corresponds to the lowest address (figure 2.8). For
example, if the contents of the general register R0 is stored at an address indicated by the general
register R1 in longword, the MSB byte of the R0 is stored at the address indicated by the (R1+3)
and the LSB byte of the R1 register is stored at the address indicated by the R1.
If the little endian mode is selected, the on-chip device registers assigned to memory are accessed
in big endian mode. Note that the available access size (byte, word, or long word) differs in each
register.
Note:
The CPU instruction codes of this LSI must be stored in word units. In little endian mode,
the instruction code must be stored from lower byte to upper byte in this order from the
word boundary of the memory.
31
@(R1+3) @(R1+2) @(R1+1) @(R1+0)
@(R1+3) @(R1+2) @(R1+1) @(R1+0)
@(R1+3) @(R1+2) @(R1+1) @(R1+0)
[7:0]
[15:8]
[7:0]
[31:24]
[23:16]
[15:8]
[7:0]
[31:24]
[23:16]
[15:8]
[7:0]
[15:8]
[7:0]
[7:0]
(a) Byte access
Example: MOV.B R0, @R1
(R1 = Address 4n)
(b) Word access
Example: MOV.W R0, @R1
(R1 = Address 4n)
(c) Longword access
Example: MOV.L R0, @R1
(R1 = Address 4n)
Byte position
in R0
Byte position
in memory
23
15
7
0
Figure 2.8 Data Format on Memory (Little Endian Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com