Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 51Page - Renesas Technology Corp SH7705 Datasheet HTML 52Page - Renesas Technology Corp SH7705 Datasheet HTML 53Page - Renesas Technology Corp SH7705 Datasheet HTML 54Page - Renesas Technology Corp SH7705 Datasheet HTML 55Page - Renesas Technology Corp SH7705 Datasheet HTML 56Page - Renesas Technology Corp SH7705 Datasheet HTML 57Page - Renesas Technology Corp SH7705 Datasheet HTML 58Page - Renesas Technology Corp SH7705 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 739 page
background image
Rev. 2.00, 09/03, page 9 of 690
Table 1.2
Pin Functions
Pin No.
FP-
208C
TBP-
208A
Pin Name
I/O
Description
1
A1
VssQ
I/O power supply (0 V)
2
B1
Vcc-USB
USB power supply (3.3 V)
3
C3
D+
I/O
USB data line
4
C2
D-
I/O
USB data line
5
C1
Vss-USB
USB power supply (0 V)
6
D3
Vcc-RTC*
5
RTC power supply (3.3 V)*
5
7
D2
XTAL2
O
Crystal oscillator pin for on-chip RTC
8
D1
EXTAL2
I
Crystal oscillator pin for on-chip RTC
9
E4
Vss-RTC*
5
RTC power supply (0 V)*
5
10
E3
VBUS/PTM6
I / I/O
USB power supply detection / input/output port M
11
E2
MD6
I
connect to I/O power supply (0V)
12
E1
D31/PTB7/PINT15
I/O / I/O / I Data bus / input/output port B / PINT interrupt
13
F4
D30/PTB6/PINT14
I/O / I/O / I Data bus / input/output port B / PINT interrupt
14
F3
D29/PTB5/PINT13
I/O / I/O / I Data bus / input/output port B / PINT interrupt
15
F2
D28/PTB4/PINT12
I/O / I/O / I Data bus / input/output port B / PINT interrupt
16
F1
D27/PTB3/PINT11
I/O / I/O / I Data bus / input/output port B / PINT interrupt
17
G4
VssQ
I/O power supply (0 V)
18
G3
D26/PTB2/PINT10
I/O / I/O / I Data bus / input/output port B / PINT interrupt
19
G2
VccQ
I/O power supply (3.3 V)
20
G1
D25/PTB1/PINT9
I/O / I/O / I Data bus / input/output port B / PINT interrupt
21
H4
D24/PTB0/PINT8
I/O / I/O / I Data bus / input/output port B / PINT interrupt
22
H3
D23/PTA7/PINT7
I/O / I/O / I Data bus / input/output port A / PINT interrupt
23
H2
D22/PTA6/PINT6
I/O / I/O / I Data bus / input/output port A / PINT interrupt
24
H1
D21/PTA5/PINT5
I/O / I/O / I Data bus / input/output port A / PINT interrupt
25
J4
D20/PTA4/PINT4
I/O / I/O / I Data bus / input/output port A / PINT interrupt
26
J2
Vss
Internal power supply (0 V)
27
J1
D19/PTA3/PINT3
I/O / I/O / I Data bus / input/output port A / PINT interrupt
28
J3
Vcc
Internal power supply (1.5 V)
29
K1
D18/PTA2/PINT2
I/O / I/O / I Data bus / input/output port A / PINT interrupt
30
K2
D17/PTA1/PINT1
I/O / I/O / I Data bus / input/output port A / PINT interrupt
31
K3
D16/PTA0/PINT0
I/O / I/O / I Data bus / input/output port A / PINT interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com