Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 44Page - Renesas Technology Corp SH7705 Datasheet HTML 45Page - Renesas Technology Corp SH7705 Datasheet HTML 46Page - Renesas Technology Corp SH7705 Datasheet HTML 47Page - Renesas Technology Corp SH7705 Datasheet HTML 48Page - Renesas Technology Corp SH7705 Datasheet HTML 49Page - Renesas Technology Corp SH7705 Datasheet HTML 50Page - Renesas Technology Corp SH7705 Datasheet HTML 51Page - Renesas Technology Corp SH7705 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 739 page
background image
Rev. 2.00, 09/03, page 2 of 690
Table 1.1
SH7705 Features
Item
Features
CPU
• Original Renesas SuperH architecture
• Compatible with SH-1, SH-2 and SH-3 at object code level
• 32-bit internal data bus
• General-registers
Sixteen 32-bit general registers (eight 32-bit shadow registers)
Five 32-bit control registers
Four 32-bit system registers
• RISC-type instruction set
Instruction length: 16-bit fixed length and improved code efficiency
Load/store architecture
Delayed branch instructions
Instruction set based on C language
• Instruction execution time: one instruction/cycle for basic instructions
• Logical address space: 4 Gbytes
• Five-stage pipeline
Memory
management
unit (MMU)
• 4 Gbytes of address space, 256 address space identifiers (ASID: 8 bits)
• Page unit sharing
• Supports multiple page sizes: 1 kbyte or 4 kbytes
• 128-entry, 4-way set associative TLB
• Supports software selection of replacement method and random-
replacement algorithms
• Contents of TLB are directly accessible by address mapping
Cache memory
• 32-kbyte cache, mixture of instructions and data
• 512 entries, 4-way set associative, 16-byte block length
• Write-back, write-through, LRU replacement algorithm
• 1-stage write-back buffer
Interrupt
controller (INTC)
• Seven external interrupt pins (NMI, IRQ5 to IRQ0)
• On-chip peripheral interrupt: Priority level is independently selected for each
module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com