Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 7Page - Renesas Technology Corp SH7705 Datasheet HTML 8Page - Renesas Technology Corp SH7705 Datasheet HTML 9Page - Renesas Technology Corp SH7705 Datasheet HTML 10Page - Renesas Technology Corp SH7705 Datasheet HTML 11Page - Renesas Technology Corp SH7705 Datasheet HTML 12Page - Renesas Technology Corp SH7705 Datasheet HTML 13Page - Renesas Technology Corp SH7705 Datasheet HTML 14Page - Renesas Technology Corp SH7705 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 739 page
background image
Rev. 2.00, 09/03, page xi of xlvi
Main Revisions and Additions in this Edition
Item
Page
Revisions (See Manual for Details)
1.1 SH7705 Features
Table 1.1 SH7705
Features
4
Features of USB function module (USB) amended
•Conforms to USB 2.0 full-speed specification
Note *6, *7 added
13, 15,
16
Pin No.
1.3 Pin Assignment
Table 1.2 Pin Functions
FP-
208C
TBP-
208A
Pin Name
I/O
Description
139
G15
TDI*
7/PTG0
I / I/O
Test data input (UDI) /
input/output port G
140
G14
TCK*
7/PTG1
I / I/O
Test clock (UDI) / input/output
port G
141
F17
TMS*
7/PTG2
I / I/O
Test mode select (UDI) /
input/output port G
142
F16
TRST*
1 *7/PTG3 I / I/O
Test reset (UDI) / input/output
port G
143
F15
TDO/PTF5
O / I/O
Test data output (UDI) /
input/output port F
144
F14
ASEBRKAK/
PTF6
O/ I/O
ASE break acknowledge
(UDI) / input/output port F
145
E17
ASEMD0*
2 *7/
PTF7
I / I/O
ASE mode (UDI) / input/output
port F
195
C6
RESETP*
6
I
Power-on reset request
Notes: 6. Pull-up MOS connected.
7. The pull-up MOS turns on if the pin function controller
(PFC) is used to select other functions (UDI).
4.4.1 Address Array
Address-Array Write
(Associative Operation)
105
Description amended
⋅⋅⋅⋅⋅ This operation is used to invalidate the address
specification for a cache.
4.4.3 Usage Examples
Invalidating a Specific Entry
107
Description largely revised
Invalidating an Address
Specification
108
Description added
5.2.5 Exception Source
Acceptance Timing and
Priority
Table 5.1 Exception Event
Vectors
117
Note *3 amended
Note: 3. If an interrupt is accepted, the exception event
register (EXPEVT) is not changed.
⋅⋅⋅⋅⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com