Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 43Page - Renesas Technology Corp SH7705 Datasheet HTML 44Page - Renesas Technology Corp SH7705 Datasheet HTML 45Page - Renesas Technology Corp SH7705 Datasheet HTML 46Page - Renesas Technology Corp SH7705 Datasheet HTML 47Page - Renesas Technology Corp SH7705 Datasheet HTML 48Page - Renesas Technology Corp SH7705 Datasheet HTML 49Page - Renesas Technology Corp SH7705 Datasheet HTML 50Page - Renesas Technology Corp SH7705 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 739 page
background image
Rev. 2.00, 09/03, page 1 of 690
Section 1 Overview
1.1
SH7705 Features
This LSI is a microprocessor that integrates a 32-bit RISC-type SuperH architecture CPU as its
core, together with 32-kbyte cache memory as well as peripheral functions required for system
configuration such as an interrupt controller.
High-speed data transfers can be formed by an on-chip direct memory access controller (DMAC),
and an external memory access support function enables direct connection to different kinds of
memory. This LSI also includes powerful peripheral functions that are essential to system
configuration, such as USB (Function) functionality and a serial interface with a large FIFO.
A powerful built-in power-management function keeps power consumption low, even during
high-speed operation. This LSI is ideal for use in electronic devices such as those for applications
that require both high speeds and low power consumption.
The features of this LSI are listed in table 1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com