Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 10Page - Renesas Technology Corp SH7705 Datasheet HTML 11Page - Renesas Technology Corp SH7705 Datasheet HTML 12Page - Renesas Technology Corp SH7705 Datasheet HTML 13Page - Renesas Technology Corp SH7705 Datasheet HTML 14Page - Renesas Technology Corp SH7705 Datasheet HTML 15Page - Renesas Technology Corp SH7705 Datasheet HTML 16Page - Renesas Technology Corp SH7705 Datasheet HTML 17Page - Renesas Technology Corp SH7705 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 739 page
background image
Rev. 2.00, 09/03, page xiv of xlvi
Item
Page
Revisions (See Manual for Details)
9.1 Features
Figure 9.1 Block Diagram
of Clock Pulse Generator
272
Figure amended
Peripheral bus
Bus interface
10.2.2 Watchdog Timer
Control/Status Register
(WTCSR)
289
Note added
Note: If manual reset is selected using the RSTS bit, a
frequency division ratio of 1/16, 1/32, 1/64, 1/256, 1/1,024,
or 1/4,096 is selected using bits CKS2 to CKS0, and a
watchdog timer counter overflow occurs, resulting in a
manual reset, the LSI will generate two manual resets in
succession. This will not affect its operation but will cause
change in the state of the STATUS pin.
11.6.1 Transition to
Module Standby Function
301
Description amended
This function can be used to reduce the power consumption
in the normal mode and sleep mode.
427
Table amended
Interrupt
Source
Description
DMAC Activation
16.5 SCIF Interrupt
Sources and DMAC
Table 16.4 SCIF Interrupt
Sources
ERI
Interrupt initiated by receive error flag
(ER) or break flag (BRK)
Not possible
RXI
Interrupt initiated by receive FIFO data
full flag (RDF) or receive data ready
(DR)
Possible*
1
TXI
Interrupt initiated by transmit FIFO data
empty flag (TDFE) or transmit data stop
flag (TSF)
Possible*
2
18.1 Features
437
Description amended
• The UDC (USB device controller) conforming to USB2.0
and transceiver process USB protocol automatically.
19.2.7 Port F Control
Register (PFCR)
489
Note *2 added to Bits 15 and 14
Note 2. Pull-up MOS on.
19.2.9 Port G Control
Register (PGCR)
491
Note *2 added to Bits 7 to 0
Note 2. Pull-up MOS on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com