Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 80Page - Renesas Technology Corp SH7705 Datasheet HTML 81Page - Renesas Technology Corp SH7705 Datasheet HTML 82Page - Renesas Technology Corp SH7705 Datasheet HTML 83Page - Renesas Technology Corp SH7705 Datasheet HTML 84Page - Renesas Technology Corp SH7705 Datasheet HTML 85Page - Renesas Technology Corp SH7705 Datasheet HTML 86Page - Renesas Technology Corp SH7705 Datasheet HTML 87Page - Renesas Technology Corp SH7705 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 739 page
background image
Rev. 2.00, 09/03, page 38 of 690
2.4.2
Memory Data Formats
Memory data formats are classified into byte, word, and longword. Memory can be accessed in
byte, word, and longword. When the memory operand is only a byte (8 bits) or a word (16 bits), it
is sign-extended into a longword when loaded into a register.
An address error will occur if word data starting from an address other than 2n or longword data
starting from an address other than 4n is accessed. In such cases, the data accessed cannot be
guaranteed.
When a word or longword operand is accessed, the byte positions on the memory corresponding to
the word or longword data on the register is determined to the specified endian mode (big endian
or little endian).
Figure 2.7 shows a byte correspondence in big endian mode. In big endian mode, the MSB byte in
the register corresponds to the lowest address in the memory, and the LSB the in the register
corresponds to the highest address. For example, if the contents of the general register R0 is stored
at an address indicated by the general register R1 in longword, the MSB byte of the R0 is stored at
the address indicated by the R1 and the LSB byte of the R1 register is stored at the address
indicated by the (R1 +3).
The on-chip device registers assigned to memory are accessed in big endian mode. Note that the
available access size (byte, word, or long word) differs in each register.
Note:
The CPU instruction codes of this LSI must be stored in word units. In big endian mode,
the instruction code must be stored from upper byte to lower byte in this order from the
word boundary of the memory.
31
@(R1+0) @(R1+1) @(R1+2) @(R1+3)
@(R1+0) @(R1+1) @(R1+2) @(R1+3)
@(R1+0) @(R1+1) @(R1+2) @(R1+3)
[7:0]
[15:8]
[7:0]
[31:24]
[23:16]
[15:8]
[7:0]
[31:24]
[23:16]
[15:8]
[7:0]
[7:0]
[7:0]
(a) Byte access
Example: MOV.B R0, @R1
(R1 = Address 4n)
(b) Word access
Example: MOV.W R0, @R1
(R1 = Address 4n)
(c) Longword access
Example: MOV.L R0, @R1
(R1 = Address 4n)
Byte position
in R0
Byte position
in memory
23
15
7
0
[15:8]
Figure 2.7 Data Format on Memory (Big Endian Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com