Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 55Page - Renesas Technology Corp SH7705 Datasheet HTML 56Page - Renesas Technology Corp SH7705 Datasheet HTML 57Page - Renesas Technology Corp SH7705 Datasheet HTML 58Page - Renesas Technology Corp SH7705 Datasheet HTML 59Page - Renesas Technology Corp SH7705 Datasheet HTML 60Page - Renesas Technology Corp SH7705 Datasheet HTML 61Page - Renesas Technology Corp SH7705 Datasheet HTML 62Page - Renesas Technology Corp SH7705 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 739 page
background image
Rev. 2.00, 09/03, page 13 of 690
Pin No.
FP-
208C
TBP-
208A
Pin Name
I/O
Description
121
L14
AUDATA3/PTF3/TO3 O / I/O / O
AUD data output / input/output port F / timer
output
122
L15
NF*
4/PTJ0
O
NF*
4 /output port J
123
L16
NF*
4/PTJ1
O
NF*
4 /output port J
124
L17
NF*
4/PTJ2
O
NF*
4 /output port J
125
K14
NF*
4/PTJ3
O
NF*
4 /output port J
126
K15
NF*
4/PTJ4
O
NF*
4 /output port J
127
K16
NF*
4/PTJ5
O
NF*
4 /output port J
128
K17
NF*
4/PTJ6
O
NF*
4 /output port J
129
J14
NF*
4/PTJ7
O
NF*
4 /output port J
130
J16
Vss
Internal power supply (0 V)
131
J17
NF*
4/PTM4
I
NF*
4 / input port M
132
J15
Vcc
Internal power supply (1.5 V)
133
H17
VssQ
I/O power supply (0 V)
134
H16
PTM0
I/O
Input/output port M
135
H15
PTM1
I/O
Input/output port M
136
H14
PTM2
I/O
Input/output port M
137
G17
PTM3
I/O
Input/output port M
138
G16
VccQ
I/O power supply (3.3 V)
139
G15
TDI*
7/PTG0
I / I/O
Test data input (UDI) / input/output port G
140
G14
TCK*
7/PTG1
I / I/O
Test clock (UDI) / input/output port G
141
F17
TMS*
7/PTG2
I / I/O
Test mode select (UDI) / input/output port G
142
F16
TRST*
1 *7/PTG3
I/I/O
Test reset (UDI) /input/outputport G
143
F15
TDO/PTF5
O / I/O
Test data output (UDI) / input/output port F
144
F14
ASEBRKAK/PTF6
O / I/O
ASE break acknowledge (UDI) / input/output
port F
145
E17
ASEMD0*
2 *7/PTF7
I / I/O
ASE mode (UDI) / input/output port F
146
E16
MD0
I
Clock mode setting
147
E15
MD1
I
Clock mode setting
148
E14
MD2
I
Clock mode setting
149
D17
Vcc-PLL1
PLL1 power supply (1.5 V)
150
D16
Vss-PLL1
PLL1 power supply (0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com