Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 78Page - Renesas Technology Corp SH7705 Datasheet HTML 79Page - Renesas Technology Corp SH7705 Datasheet HTML 80Page - Renesas Technology Corp SH7705 Datasheet HTML 81Page - Renesas Technology Corp SH7705 Datasheet HTML 82Page - Renesas Technology Corp SH7705 Datasheet HTML 83Page - Renesas Technology Corp SH7705 Datasheet HTML 84Page - Renesas Technology Corp SH7705 Datasheet HTML 85Page - Renesas Technology Corp SH7705 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 739 page
background image
Rev. 2.00, 09/03, page 36 of 690
Bit
Bit Name
Initial
Value
R/W
Description
9
8
M
Q
R/W
R/W
MBit
QBit
These bits are used by the DIV0S, DIV0U, and DIV1
instructions. These bits can be changed even in user mode by
using the DIV0S, DIV0U, and DIV1 instructions. These bits
are undefined at reset. These bits do not change in an
exception handling state.
7 to 4
I3 to I0
1
R/W
Interrupt Mask
Indicates the interrupt mask level. These bits do not change
even if an interrupt occurs. At reset, these bits are initialized
to B’1111. These bits are not affected in an exception
handling state.
3, 2
0R
Reserved
These bits are always read as 0. The write value should
always be 0.
1S
R/W
Saturation Mode
Specifies the saturation mode for multiply instructions or
multiply and accumulate instructions. This bit can be specified
by the SETS and CLRS instructions in user mode.
At reset, this bit is undefined. This bit is not affected in an
exception handling state.
0T
R/W
T Bit
Indicates true or false for compare instructions or carry or
borrow occurrence for an operation instruction with carry or
borrow. This bit can be specified by the SETT and CLRT
instructions in user mode.
At reset, this bit is undefined. This bit is not affected in an
exception handling state.
Note:
The M, Q, S, and T bits can be set/cleared by the user mode specific instructions. Other bits
can be read or written in privileged mode.
Save Status Register (SSR): The save status register (SSR) can be accessed only in privileged
mode. Before entering the exception, the contents of the SR register is stored in the SSR register.
At reset, the SSR initial value is undefined.
Save Program Counter (SPC): The save program counter (SPC) can be accessed only in
privileged mode. Before entering the exception, the contents of the PC are stored in the SPC. At
reset, the SPC initial value is undefined.
Global Base Register (GBR): The global base register (GBR) is referenced as a base register in
GBR indirect addressing mode. At reset, the GBR initial value is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com