Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 61Page - Renesas Technology Corp SH7705 Datasheet HTML 62Page - Renesas Technology Corp SH7705 Datasheet HTML 63Page - Renesas Technology Corp SH7705 Datasheet HTML 64Page - Renesas Technology Corp SH7705 Datasheet HTML 65Page - Renesas Technology Corp SH7705 Datasheet HTML 66Page - Renesas Technology Corp SH7705 Datasheet HTML 67Page - Renesas Technology Corp SH7705 Datasheet HTML 68Page - Renesas Technology Corp SH7705 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 739 page
background image
Rev. 2.00, 09/03, page 19 of 690
Classification
Symbol
I/O
Name
Function
CS0,
CS2 to CS4,
CS5A, CS5B,
CS6A, CS6B,
O
Chip select 0,
2to 4, 5A, 5B,
6A, 6B
Chip-select signal for external
memory or devices.
RD
ORead
Indicates reading of data from
external devices.
RD/
WR
O
Read/write
Read/write signal.
BS
O
Bus start
Bus-cycle start.
WE3
O
Highest-byte
write
Indicates that bits31to24of the
data in the external memory or
device are being written.
WE2
O
Second-highest-
byte write
Indicates that bits23to16of the
data in the external memory or
device are being written.
WE1
O
Second-lowest-
byte write
Indicates that bits15to8of the
data in the external memory or
device are being written.
WE0
O
Lowest-byte
write
Indicates that bits 7 to 0 of the data
in the external memory or device
are being written.
CKE
O
CK enable
Clock enable. (SDRAM)
DQMUU
O
DQ mask UU
Selects D31 to D24. (SDRAM)
DQMUL
O
DQ mask UL
Selects D23 to D16. (SDRAM)
DQMLU
O
DQ mask LU
Selects D15 to D8. (SDRAM)
DQMLL
O
DQ mask LL
Selects D7 to D0. (SDRAM)
RASU
O
Row address U Specifies a row address. (SDRAM)
RASL
O
Row address L
Specifies a row address. (SDRAM)
CASU
O
Column address
U
Specifies a column address.
(SDRAM)
CASL
O
Column address
L
Specifies a column address.
(SDRAM)
AH
O
Address hold
Address hold signal.
Bus control
WAIT
IWait
Inserts a wait cycle into the bus
cycles during access to the
external space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com