Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 97Page - Renesas Technology Corp SH7705 Datasheet HTML 98Page - Renesas Technology Corp SH7705 Datasheet HTML 99Page - Renesas Technology Corp SH7705 Datasheet HTML 100Page - Renesas Technology Corp SH7705 Datasheet HTML 101Page - Renesas Technology Corp SH7705 Datasheet HTML 102Page - Renesas Technology Corp SH7705 Datasheet HTML 103Page - Renesas Technology Corp SH7705 Datasheet HTML 104Page - Renesas Technology Corp SH7705 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 739 page
background image
Rev. 2.00, 09/03, page 55 of 690
Instruction
Instruction Code Operation
Privileged
Mode
Cycles T Bit
EXTS.B
Rm,Rn
0110nnnnmmmm1110
A byteinRmis sign-extended
→
Rn
–1
–
EXTS.W
Rm,Rn
0110nnnnmmmm1111
A wordinRm is sign-extended
→ Rn
–1
–
EXTU.B
Rm,Rn
0110nnnnmmmm1100
A byteinRmis zero-extended
→
Rn
–1
–
EXTU.W
Rm,Rn
0110nnnnmmmm1101
A word in Rm is zero-extended
→ Rn
–1
–
MAC.L
@Rm+,
@Rn+
0000nnnnmmmm1111
Signed operation of (Rn)
× (Rm)
+ MAC → MAC,Rn + 4 → Rn,
Rm + 4
→ Rm,
32
× 32 + 64 → 64 bits
–2 (to 5)* –
MAC.W
@Rm+,
@Rn+
0100nnnnmmmm1111
Signed operation of (Rn)
× (Rm)
+ MAC → MAC,Rn + 2 → Rn,
Rm + 2
→ Rm,
16
× 16 + 64 → 64 bits
–2 (to 5)* –
MUL.L
Rm,Rn
0000nnnnmmmm0111
Rn
× Rm → MACL,
32
× 32 → 32 bits
–2 (to 5)* –
MULS.W
Rm,Rn
0010nnnnmmmm1111
Signed operation of Rn
× Rm →
MACL,
16
× 16 → 32 bits
–1(to 3)* –
MULU.W
Rm,Rn
0010nnnnmmmm1110
Unsigned operation of Rn
× Rm
→ MACL,
16
× 16 → 32 bits
–1(to 3)* –
NEG
Rm,Rn
0110nnnnmmmm1011
0–Rm
→Rn
–
1
–
NEGC
Rm,Rn
0110nnnnmmmm1010
0–Rm–T
→Rn, Borrow→T–
1
Borrow
SUB
Rm,Rn
0011nnnnmmmm1000
Rn–Rm
→Rn
–
1
–
SUBC
Rm,Rn
0011nnnnmmmm1010
Rn–Rm–T
→Rn, Borrow →T–
1
Borrow
SUBV
Rm,Rn
0011nnnnmmmm1011
Rn–Rm
→Rn, Underflow→T
–
1
Underflow
Note:
*
The number of execution cycles indicated within the parentheses ( ) are required when
the operation result is read from the MACH/MACL register immediately after the
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com