Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 101 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 101 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 97Page - Dialog Semiconductor SLG47503 Datasheet HTML 98Page - Dialog Semiconductor SLG47503 Datasheet HTML 99Page - Dialog Semiconductor SLG47503 Datasheet HTML 100Page - Dialog Semiconductor SLG47503 Datasheet HTML 101Page - Dialog Semiconductor SLG47503 Datasheet HTML 102Page - Dialog Semiconductor SLG47503 Datasheet HTML 103Page - Dialog Semiconductor SLG47503 Datasheet HTML 104Page - Dialog Semiconductor SLG47503 Datasheet HTML 105Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
101 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
down.
registers [1483:1482], [1487:1486] = 01 – one-DFF synchronization by clock falling edge. When Oscillator Power-down signal
comes, Oscillator generates full output pulse and then stops.
registers [1483:1482], [1487:1486] = 10 or 11 – without synchronization (asynchronous reset). When Oscillator Power-down
signal comes, Oscillator output goes low immediately.
If I2C is used to change the synchronization mode there will be a pulse at the Oscillator output when the synchronization mode
is changed from 10 or 11 (asynchronous reset).
13.2 OSCILLATOR0 (2.048 KHZ)
Note: It's highly recommended to use OSC0 without the startup delay (register[1484] = 1).
Figure 86: Oscillator0 Block Diagram
/2
/3
/4
/8
/12
/24
/64
0
1
2
3
4
5
6
7
registers [1466:1464]
registers [1470:1468]
Second Stage
Divider
to Connection Matrix
Input [57]
to Connection Matrix
Input [58]
OUT1
OUT0
2.048 kHz Pre-divider Clock
DIV /1 /2 /4 /8
registers [1454:1453]
to CNT/DLYs Clock Scheme
Ext. CLK Sel register [1448]
OSC0
(2.048 kHz)
OUT
PWR DOWN/
FORCE O N
0
1
Ext. Clock
PWR DOWN/Force On
Matrix Output control register [1449]
Force Power On
Auto Power On
0
1
from Connection Matrix
Output [96]
OSC Power Mode
register [1450]
OSC0 matrix out 1 enable reg [1452]
OSC0 matrix out0 enable reg [1451]
Predivider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com