Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 102 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 102 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 98Page - Dialog Semiconductor SLG47503 Datasheet HTML 99Page - Dialog Semiconductor SLG47503 Datasheet HTML 100Page - Dialog Semiconductor SLG47503 Datasheet HTML 101Page - Dialog Semiconductor SLG47503 Datasheet HTML 102Page - Dialog Semiconductor SLG47503 Datasheet HTML 103Page - Dialog Semiconductor SLG47503 Datasheet HTML 104Page - Dialog Semiconductor SLG47503 Datasheet HTML 105Page - Dialog Semiconductor SLG47503 Datasheet HTML 106Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
102 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
13.3 OSCILLATOR1 (25 MHZ)
Figure 87: Oscillator1 Block Diagram
/2
/3
/4
/8
/12
/24
/64
0
1
2
3
4
5
6
7
registers [1474:1472]
to Connection Matrix
Input [59]
25 MHz Pre-divider Clock
DIV /1 /2 /4 /8 /
12 /24 /48 /96
registers [1462:1460]
to CNT/DLYs Clock Scheme
Ext. CLK Sel register [1456]
OSC1
(25 MHz)
OUT
PWR DOWN/
FORC E O N
0
1
Ext. Clock
PWR DOWN/Force On
Matrix Output control register [1457]
Force Power On
Auto Power On
0
1
from Connection Matrix
Output [97]
OSC Power Mode
register [1458]
OSC1 matrix out enable reg [1459]
Startup delay
register [1480]
Predivider
Second Stage
Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com