Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 134 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 134 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 130Page - Dialog Semiconductor SLG47503 Datasheet HTML 131Page - Dialog Semiconductor SLG47503 Datasheet HTML 132Page - Dialog Semiconductor SLG47503 Datasheet HTML 133Page - Dialog Semiconductor SLG47503 Datasheet HTML 134Page - Dialog Semiconductor SLG47503 Datasheet HTML 135Page - Dialog Semiconductor SLG47503 Datasheet HTML 136Page - Dialog Semiconductor SLG47503 Datasheet HTML 137Page - Dialog Semiconductor SLG47503 Datasheet HTML 138Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
134 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
47
568
GPIO11
OUT88:
GPIO11 Digital Output (16-PIN Version)
569
570
571
572
573
574
GPIO12
OUT89:
GPIO12 Digital Output OE (16-PIN Version)
575
48
576
577
578
579
580
OUT90:
GPIO12 Digital Output (16-PIN Version)
581
582
583
49
584
585
586
Filter/Edge detect
OUT91:
Filter/Edge detect input
587
588
589
590
591
4A
592
Programmable delay/edge detect
OUT92:
Programmable delay/edge detect input
593
594
595
596
597
598
ACMP0H
OUT93:
Power Up of ACMP0_H
599
4B
600
601
602
603
604
ACMP1H
OUT94:
Power Up of ACMP1_H
605
606
607
4C
608
609
610
Temp sensor
OUT95:
Temp sensor, Vref Out_0 Power Up
611
612
613
614
615
Table 37: Register Map (Continued)
Address
Signal Function
Register Bit Definition
Byte
Register
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com