| Electronic Components Datasheet Search |
|
SLG47503 Datasheet(PDF) 138 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG47503 Datasheet(HTML) 138 Page - Dialog Semiconductor |
|
138 / 191 page ![]() Datasheet 16-Jul-2021 CFR0011-120-00 Revision 2.0 138 of 191 © 2021 Dialog Semiconductor SLG47502/03 Low Voltage GreenPAK Programmable Mixed-Signal Matrix Preliminary 5E 752 LUT2_1_DFF1_SHR1 DFF or Latch Select 0: DFF 1: Latch (Only valid when LUT_SEL=0 and SHR_LEN=0) 753 LUT2_1_DFF1_SHR1 Output Polarity Select 0: Non-inverted 1: Inverted 754 LUT2_2_DFF2_SHR2 DFF/Latch/Shift or LUT Select 0: LUT 1: DFF/Latch/Shift Register 755 LUT2_2_DFF2_SHR2 Shift Register Length Value=0 DFF/Latch Mode, Value=1 Length=2, Value=2 Length=3, Value=3 Length=4... 756 757 LUT2_2_DFF2_SHR2 DFF or Latch Select 0: DFF 1: Latch (Only valid when LUT_SEL=0 and SHR_LEN=0) 758 LUT2_2_DFF2_SHR2 Output Polarity Select 0: Non-inverted 1: Inverted 759 LUT2_3_PGEN0 Function Select 0: LUT 1: Pattern Generator 5F 760 LUT2_3_PGEN0 Active Level Selection for RST/SET 0: Active Low Level for reset/set 1: Active High Level for reset/set 761 LUT3_0_DFF3_SHR3 DFF/Latch/Shift or LUT Select 0: LUT 1: DFF/Latch/Shift Register 762 LUT3_0_DFF3_SHR3 Shift Register Length Value=0 DFF/Latch Mode, Value=1 Length=2, Value=2 Length=3, Value=3 Length=4... 763 764 765 LUT3_0_DFF3_SHR3 DFF or Latch Select 0: DFF 1: Latch (Only valid when LUT_SEL=0 and SHR_LEN=0) 766 LUT3_0_DFF3_SHR3 Output Polarity Select 0: Non-inverted 1: Inverted 767 LUT3_0_DFF3_SHR3 nRST/nSet Select 0: DFF/SHR use nRST 1: DFF/SHR use nSET (Only valid in DFF/Latch mode) 60 768 LUT3_0_DFF3_SHR3 Set/Reset active level select 0: Active Low 1: Active High 769 LUT3_1_DFF4_SHR4 DFF/Latch/Shift or LUT Select 0: LUT 1: DFF/Latch/Shift Register 770 LUT3_1_DFF4_SHR4 Shift Register Length Value=0 DFF/Latch Mode, Value=1 Length=2, Value=2 Length=3, Value=3 Length=4... 771 772 773 LUT3_1_DFF4_SHR4 DFF or Latch Select. Only valid when LUT_SEL=0 and SHR_LEN=0 0: DFF 1: Latch (Only valid when LUT_SEL=0 and SHR_LEN=0) 774 LUT3_1_DFF4_SHR4 Output Polarity Select 0: Non-inverted 1: Inverted 775 LUT3_1_DFF4_SHR4 nRST/nSet Select 0: DFF/SHR use nRST 1: DFF/SHR use nSET (Only valid in DFF/Latch mode) Table 37: Register Map (Continued) Address Signal Function Register Bit Definition Byte Register Bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |