Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 137 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 137 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 133Page - Dialog Semiconductor SLG47503 Datasheet HTML 134Page - Dialog Semiconductor SLG47503 Datasheet HTML 135Page - Dialog Semiconductor SLG47503 Datasheet HTML 136Page - Dialog Semiconductor SLG47503 Datasheet HTML 137Page - Dialog Semiconductor SLG47503 Datasheet HTML 138Page - Dialog Semiconductor SLG47503 Datasheet HTML 139Page - Dialog Semiconductor SLG47503 Datasheet HTML 140Page - Dialog Semiconductor SLG47503 Datasheet HTML 141Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
137 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
59
712
LUT3_8_DFF11_SHR11
LUT3_8 bit[0]/Shift_Reg11 bit[0]
713
LUT3_8 bit[1]/Shift_Reg11 bit[1]
714
LUT3_8 bit[2]/Shift_Reg11 bit[2]
715
LUT3_8 bit[3]/Shift_Reg11 bit[3]
716
LUT3_8 bit[4]/Shift_Reg11 bit[4]
717
LUT3_8 bit[5]/Shift_Reg11 bit[5]
718
LUT3_8 bit[6]/Shift_Reg11 bit[6]
719
LUT3_8 bit[7]/DFF11/Shift_Reg11 bit[7]
5A
720
LUT3_9_DFF12_SHR12
LUT3_9 bit[0]/Shift_Reg12 bit[0]
721
LUT3_9 bit[1]/Shift_Reg12 bit[1]
722
LUT3_9 bit[2]/Shift_Reg12 bit[2]
723
LUT3_9 bit[3]/Shift_Reg12 bit[3]
724
LUT3_9 bit[4]/Shift_Reg12 bit[4]
725
LUT3_9 bit[5]/Shift_Reg12 bit[5]
726
LUT3_9 bit[6]/Shift_Reg12 bit[6]
727
LUT3_9 bit[7]/DFF12/Shift_Reg12 bit[7]
5B
728
LUT4_0_DFF13_SHR13
LUT4_0 bit[0]/Shift_Reg13 bit[0]
729
LUT4_0 bit[1]/Shift_Reg13 bit[1]
730
LUT4_0 bit[2]/Shift_Reg13 bit[2]
731
LUT4_0 bit[3]/Shift_Reg13 bit[3]
732
LUT4_0 bit[4]/Shift_Reg13 bit[4]
733
LUT4_0 bit[5]/Shift_Reg13 bit[5]
734
LUT4_0 bit[6]/Shift_Reg13 bit[6]
735
LUT4_0 bit[7]/Shift_Reg13 bit[7]
5C
736
LUT4_0 bit[8]/Shift_Reg13 bit[8]
737
LUT4_0 bit[9]/Shift_Reg13 bit[9]
738
LUT4_0 bit[10]/Shift_Reg13 bit[10]
739
LUT4_0 bit[11]/Shift_Reg13 bit[11]
740
LUT4_0 bit[12]/Shift_Reg13 bit[12]
741
LUT4_0 bit[13]/Shift_Reg13 bit[13]
742
LUT4_0 bit[14]/Shift_Reg13 bit[14]
743
LUT4_0 bit[15]/DFF13/Shift_Reg13 bit[15]
5D
744
LUT2_0_DFF0_SHR0 DFF/Latch/Shift or LUT
Select
0: LUT
1: DFF/Latch/Shift Register
745
LUT2_0_DFF0_SHR0 Shift Register Length
Value=0 DFF/Latch Mode,
Value=1 Length=2,
Value=2 Length=3,
Value=3 Length=4...
746
747
LUT2_0_DFF0_SHR0 DFF or Latch Select
0: DFF
1: Latch
(Only valid when LUT_SEL=0 and SHR_LEN=0)
748
LUT2_0_DFF0_SHR0 Output Polarity Select
0: Non-inverted
1: Inverted
749
LUT2_1_DFF1_SHR1 DFF/Latch/Shift or LUT
Select
0: LUT
1: DFF/Latch/Shift Register
750
LUT2_1_DFF1_SHR1 Shift Register Length
Value=0 DFF/Latch Mode,
Value=1 Length=2,
Value=2 Length=3,
Value=3 Length=4...
751
Table 37: Register Map (Continued)
Address
Signal Function
Register Bit Definition
Byte
Register
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com