Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 139 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 139 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 135Page - Dialog Semiconductor SLG47503 Datasheet HTML 136Page - Dialog Semiconductor SLG47503 Datasheet HTML 137Page - Dialog Semiconductor SLG47503 Datasheet HTML 138Page - Dialog Semiconductor SLG47503 Datasheet HTML 139Page - Dialog Semiconductor SLG47503 Datasheet HTML 140Page - Dialog Semiconductor SLG47503 Datasheet HTML 141Page - Dialog Semiconductor SLG47503 Datasheet HTML 142Page - Dialog Semiconductor SLG47503 Datasheet HTML 143Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
139 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
61
776
LUT3_1_DFF4_SHR4 Set/Reset active level
select
0: Active Low
1: Active High
777
LUT3_2_DFF5_SHR5 DFF/Latch/Shift or LUT
Select
0: LUT
1: DFF/Latch/Shift Register
778
LUT3_2_DFF5_SHR5 Shift Register Length
Value=0 DFF/Latch Mode,
Value=1 Length=2,
Value=2 Length=3,
Value=3 Length=4...
779
780
781
LUT3_2_DFF5_SHR5 DFF or Latch Select
0: DFF
1: Latch
(Only valid when LUT_SEL=0 and SHR_LEN=0)
782
LUT3_2_DFF5_SHR5 Output Polarity Select
0: Non-inverted
1: Inverted
783
LUT3_2_DFF5_SHR5 nRST/nSet Select
0: DFF/SHR use nRST
1: DFF/SHR use nSET
(Only valid in DFF/Latch mode)
62
784
LUT3_2_DFF5_SHR5 Set/Reset active level
select
0: Active Low
1: Active High
785
LUT3_3_DFF6_SHR6 DFF/Latch/Shift or LUT
Select
0: LUT
1: DFF/Latch/Shift Register
786
LUT3_3_DFF6_SHR6 Shift Register Length
Value=0 DFF/Latch Mode,
Value=1 Length=2,
Value=2 Length=3,
Value=3 Length=4...
787
788
789
LUT3_3_DFF6_SHR6 DFF or Latch Select
0: DFF
1: Latch
(Only valid when LUT_SEL=0 and SHR_LEN=0)
790
LUT3_3_DFF6_SHR6 Output Polarity Select
0: Non-inverted
1: Inverted
791
LUT3_3_DFF6_SHR6 nRST/nSet Select
0: DFF/SHR use nRST
1: DFF/SHR use nSET
(Only valid in DFF/Latch mode)
63
792
LUT3_3_DFF6_SHR6 Set/Reset active level
select
0: Active Low
1: Active High
793
LUT3_4_DFF7_SHR7 DFF/Latch/Shift or LUT
Select
0: LUT
1: DFF/Latch/Shift Register
794
LUT3_4_DFF7_SHR7 Shift Register Length
Value=0 DFF/Latch Mode,
Value=1 Length=2,
Value=2 Length=3,
Value=3 Length=4...
795
796
797
LUT3_4_DFF7_SHR7 DFF or Latch Select
0: DFF
1: Latch
(Only valid when LUT_SEL=0 and SHR_LEN=0)
798
LUT3_4_DFF7_SHR7 Output Polarity Select
0: Non-inverted
1: Inverted
799
LUT3_4_DFF7_SHR7 nRST/nSet Select
0: DFF/SHR use nRST
1: DFF/SHR use nSET
(Only valid in DFF/Latch mode)
64
800
LUT3_4_DFF7_SHR7 Set/Reset active level
select
0: Active Low
1: Active High
Table 37: Register Map (Continued)
Address
Signal Function
Register Bit Definition
Byte
Register
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com