Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 149 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 149 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 145Page - Dialog Semiconductor SLG47503 Datasheet HTML 146Page - Dialog Semiconductor SLG47503 Datasheet HTML 147Page - Dialog Semiconductor SLG47503 Datasheet HTML 148Page - Dialog Semiconductor SLG47503 Datasheet HTML 149Page - Dialog Semiconductor SLG47503 Datasheet HTML 150Page - Dialog Semiconductor SLG47503 Datasheet HTML 151Page - Dialog Semiconductor SLG47503 Datasheet HTML 152Page - Dialog Semiconductor SLG47503 Datasheet HTML 153Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
149 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
81
1036
Reserved
1037
Reserved
1038
Reserved
1039
Reserved
82
1040
CNT2 CNT Data
Data [7:0]
1041
1042
1043
1044
1045
1046
1047
83
1048
CNT2 Current CNT Value
Data [7:0]
1049
1050
1051
1052
1053
1054
1055
84
1056
LUT3_12_DFF17_CNTDLY3
MLT3_LUT3_12 bit[0]/DFF17 DFF or Latch Select:
0: LUT: LUT[0]; DFF: DFF function
1: LUT: LUT[0]; DFF: Latch function
1057
MLT3_LUT3_12 bit[1]/DFF17 Output Select:
0: LUT: LUT[1]; DFF: Q output
1: LUT: LUT[1]; DFF: QB output
1058
MLT3_LUT3_12 bit[2]/DFF17 Initial Polarity Select:
0: LUT: LUT[2]; DFF: Low
1: LUT: LUT[2]; DFF: High
1059
MLT3_LUT3_12 bit[3]/DFF17 nRST or nSET Select:
0: LUT: LUT[3]; DFF: nRST
1: LUT: LUT[3]; DFF: nSET
1060
MLT3_LUT3_12 bit[4]
1061
MLT3_LUT3_12 bit[5]
1062
MLT3_LUT3_12 bit[6]
1063
MLT3_LUT3_12 bit[7]
Table 37: Register Map (Continued)
Address
Signal Function
Register Bit Definition
Byte
Register
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com