Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 150 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 150 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 146Page - Dialog Semiconductor SLG47503 Datasheet HTML 147Page - Dialog Semiconductor SLG47503 Datasheet HTML 148Page - Dialog Semiconductor SLG47503 Datasheet HTML 149Page - Dialog Semiconductor SLG47503 Datasheet HTML 150Page - Dialog Semiconductor SLG47503 Datasheet HTML 151Page - Dialog Semiconductor SLG47503 Datasheet HTML 152Page - Dialog Semiconductor SLG47503 Datasheet HTML 153Page - Dialog Semiconductor SLG47503 Datasheet HTML 154Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
150 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
85
1064
CNTDLY3 Function and Edge mode selection
0000: both edge Delay
0001: falling edge Delay
0010: rising edge Delay
0011: both edge One Shot
0100: falling edge One Shot
0101: rising edge One Shot
0110: both edge freq detect
0111: falling edge freq detect
1000: rising edge freq detect
1001: both edge detect
1010: falling edge detect
1011: rising edge detect
1100: both edge reset CNT
1101: falling edge reset CNT
1110: rising edge reset CNT
1111: high level reset CNT
1065
1066
1067
1068
MLT3_LUT3_12_DFF17 LUT/DFF Function
Select
0: LUT
1: DFF/Latch
1069
CNT3 CNT/DLY output Polarity selection
0: Default Output
1: Inverted Output
1070
CNT3 DLY mode edge detection selection
0: Normal
1: Enable DLY mode edge detection
1071
CNT3 CNT mode synchronizer selection
0: Bypass synchronizer
1: Enable synchronizer (after two DFFs)
86
1072
LUT3_12_DFF17_CNTDLY3 Multi function se-
lection
00: Single LUT or DFF (DLY input is low)
01: Single CNT/DLY (DLY output connect to LUT/DFF)
10: CNT/DLY connected to LUT or DFF
11: LUT or DFF connected to CNT/DLY
1073
1074
MLT3_LUT3_12_DFF17_CNTDLY3 CNT/DLY
and LUT or DFF connection
(only works when multi_func_sel_reg is 2'b10)
00: DLY input from matrix A;
DLY output connected to LUT's In2 or DFF's D
01: DLY input from matrix B;
DLY output connected to LUT's In1 or DFF's nSET/nRST
10: DLY input from matrix C;
DLY output connected to LUT's In0 or DFF's CLK
11: Prohibited
1075
1076
CNT3 CNT/DLY initial value selection
00: Bypass the initial
01: Bypass the initial
10: Initial 0
11: Initial 1
1077
1078
Reserved
1079
Reserved
Table 37: Register Map (Continued)
Address
Signal Function
Register Bit Definition
Byte
Register
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com