Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 153 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 153 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 149Page - Dialog Semiconductor SLG47503 Datasheet HTML 150Page - Dialog Semiconductor SLG47503 Datasheet HTML 151Page - Dialog Semiconductor SLG47503 Datasheet HTML 152Page - Dialog Semiconductor SLG47503 Datasheet HTML 153Page - Dialog Semiconductor SLG47503 Datasheet HTML 154Page - Dialog Semiconductor SLG47503 Datasheet HTML 155Page - Dialog Semiconductor SLG47503 Datasheet HTML 156Page - Dialog Semiconductor SLG47503 Datasheet HTML 157Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
153 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
8D
1128
CNT4 CNT/DLY clock source selection
0000: RingOSC(25 MHz)
0001: RingOSC(25 MHz)/4
0010: RingOSC(25 MHz)/8
0011:RingOSC(25 MHz)/64
0100: RingOSC(25 MHz)/512
0101: LFOSC(2 kHz)
0110: LFOSC(2 kHz)/8
0111: LFOSC(2 kHz)/64
1000:LFOSC(2 kHz)/512
1001: LFOSC(2 kHz)/4096
1010: LFOSC(2 kHz)/32768
1011:LFOSC(2 kHz)/262144
1100: CNTx_END
1101: External
1110: Not used
1111: Not used
1129
1130
1131
1132
Reserved
1133
Reserved
1134
Reserved
1135
Reserved
8E
1136
CNT4 CNT Data
Data [7:0]
1137
1138
1139
1140
1141
1142
1143
8F
1144
CNT4 Current CNT Value
Data [7:0]
1145
1146
1147
1148
1149
1150
1151
90
1152
LUT3_14_DFF19_CNTDLY5
MLT5_LUT3_14 bit[0]/DFF19 DFF or Latch Select:
0: LUT: LUT[0]; DFF: DFF function
1: LUT: LUT[0]; DFF: Latch function
1153
MLT5_LUT3_14 bit[1]/DFF19 Output Select:
0: LUT: LUT[1]; DFF: Q output
1: LUT: LUT[1]; DFF: QB output
1154
MLT5_LUT3_14 bit[2]/DFF19 Initial Polarity Select:
0: LUT: LUT[2]; DFF: Low
1: LUT: LUT[2]; DFF: High
1155
MLT5_LUT3_14 bit[3]/DFF19 nRST or nSET Select:
0: LUT: LUT[3]; DFF: nRST
1: LUT: LUT[3]; DFF: nSET
1156
MLT5_LUT3_14 bit[4]
1157
MLT5_LUT3_14 bit[5]
1158
MLT5_LUT3_14 bit[6]
90
1159
LUT3_14_DFF19_CNTDLY5
MLT5_LUT3_14 bit[7]
Table 37: Register Map (Continued)
Address
Signal Function
Register Bit Definition
Byte
Register
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com