Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 160 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 160 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 156Page - Dialog Semiconductor SLG47503 Datasheet HTML 157Page - Dialog Semiconductor SLG47503 Datasheet HTML 158Page - Dialog Semiconductor SLG47503 Datasheet HTML 159Page - Dialog Semiconductor SLG47503 Datasheet HTML 160Page - Dialog Semiconductor SLG47503 Datasheet HTML 161Page - Dialog Semiconductor SLG47503 Datasheet HTML 162Page - Dialog Semiconductor SLG47503 Datasheet HTML 163Page - Dialog Semiconductor SLG47503 Datasheet HTML 164Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
160 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
A3
1304
GPIO0 input mode configuration
00: Digital in without Schmitt Trigger
01: Digital in with Schmitt Trigger
10: Low voltage digital in mode
11: Reserved/Analog IO
1305
1306
Reserved
1307
Reserved
1308
Reserved
1309
GPIO0 Pull-up or Pull-down resistor selection
00: Floating (disconnected)
01: 10 k
Ω
10: 100 k
Ω
11: 1 M
Ω
1310
1311
GPIO0 Pull-up or Pull-down mode selection
0: Pull-down
1: Pull-up
A4
1312
GPIO0 I2C fast mode plus enable
0: enable
1: disable
1313
GPIO0 Open-Drain mode enable
0: disable (Output = HiZ)
1: enable
(Applicable only when i2c_en = 0 )
1314
Reserved
1315
Reserved
1316
Reserved
1317
Reserved
1318
Reserved
1319
Reserved
A5
1320
GPIO1 input mode configuration
00: Digital in without Schmitt Trigger
01: Digital in with Schmitt Trigger
10: Low voltage digital in mode
11: Reserved/Analog IO
1321
1322
Reserved
1323
Reserved
1324
Reserved
1325
GPIO1 Pull-up or Pull-down resistor selection
00: Floating (disconnected)
01: 10 k
Ω
10: 100 k
Ω
11: 1 M
Ω
1326
1327
GPIO1 Pull-up or Pull-down mode selection
0: Pull-down
1: Pull-up
A6
1328
GPIO1 I2C fast mode plus enable
0: enable
1: disable
1329
GPIO1 Open-Drain mode enable
0: disable (Output = HiZ)
1: enable
(Applicable only when i2c_en = 0)
1330
Reserved
1331
Reserved
1332
Reserved
1333
Reserved
1334
Reserved
1335
Reserved
Table 37: Register Map (Continued)
Address
Signal Function
Register Bit Definition
Byte
Register
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com