Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 162 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 162 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 158Page - Dialog Semiconductor SLG47503 Datasheet HTML 159Page - Dialog Semiconductor SLG47503 Datasheet HTML 160Page - Dialog Semiconductor SLG47503 Datasheet HTML 161Page - Dialog Semiconductor SLG47503 Datasheet HTML 162Page - Dialog Semiconductor SLG47503 Datasheet HTML 163Page - Dialog Semiconductor SLG47503 Datasheet HTML 164Page - Dialog Semiconductor SLG47503 Datasheet HTML 165Page - Dialog Semiconductor SLG47503 Datasheet HTML 166Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
162 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
AA
1360
GPIO5 input mode configuration
00: Digital in without Schmitt Trigger
01: Digital in with Schmitt Trigger
10: Low voltage digital in mode
11: Reserved/Analog IO
1361
1362
GPIO5 output mode configuration
00: 1x Push-Pull
01: 2x Push-Pull
10: 1x Open-Drain pull down
11: 2x Open-Drain pull down
1363
1364
Reserved
1365
GPIO5 Pull-up or Pull-down resistor selection
00: Floating (disconnected)
01: 10 k
Ω
10: 100 k
Ω
11: 1 M
Ω
1366
1367
GPIO5 Pull-up or Pull-down mode selection
0: Pull-down
1: Pull-up
AB
1368
GPIO6 input mode configuration
00: Digital in without Schmitt Trigger
01: Digital in with Schmitt Trigger
10: Low voltage digital in mode
11: Reserved/Analog IO
1369
1370
GPIO6 output mode configuration
00: 1x Push-Pull
01: 2x Push-Pull
10: 1x Open-Drain pull down
11: 2x Open-Drain pull down
1371
1372
Reserved
1373
GPIO6 Pull-up or Pull-down resistor selection
00: Floating (disconnected)
01: 10 k
Ω
10: 100 k
Ω
11: 1 M
Ω
1374
1375
GPIO6 Pull-up or Pull-down mode selection
0: Pull-down
1: Pull-up
AC
1376
GPIO7 input mode configuration
00: Digital in without Schmitt Trigger
01: Digital in with Schmitt Trigger
10: Low voltage digital in mode
11: Reserved/Analog IO
1377
1378
GPIO7 output mode configuration
00: 1x Push-Pull
01: 2x Push-Pull
10: 1x Open-Drain pull down
11: 2x Open-Drain pull down
1379
1380
Reserved
1381
GPIO7 Pull-up or Pull-down resistor selection
00: Floating (disconnected)
01: 10 k
Ω
10: 100 k
Ω
11: 1 M
Ω
1382
1383
GPIO7 Pull-up or Pull-down mode selection
0: Pull-down
1: Pull-up
Table 37: Register Map (Continued)
Address
Signal Function
Register Bit Definition
Byte
Register
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com