Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 165 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 165 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 161Page - Dialog Semiconductor SLG47503 Datasheet HTML 162Page - Dialog Semiconductor SLG47503 Datasheet HTML 163Page - Dialog Semiconductor SLG47503 Datasheet HTML 164Page - Dialog Semiconductor SLG47503 Datasheet HTML 165Page - Dialog Semiconductor SLG47503 Datasheet HTML 166Page - Dialog Semiconductor SLG47503 Datasheet HTML 167Page - Dialog Semiconductor SLG47503 Datasheet HTML 168Page - Dialog Semiconductor SLG47503 Datasheet HTML 169Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
165 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
B4
1440
Edge Detect Mode
00: Rising Edge Detector
01: Falling Edge Detector
10: Both Edge Detector
11: Both Edge Delay
1441
1442
Programmable Delay Selection
00: 125 ns
01: 250 ns
10: 375 ns
11: 500 ns
1443
1444
Reserved
1445
Reserved
1446
Reserved
1447
Reserved
B5
1448
OSC0 Divider Clock Source
0: Use OSC
1: Use External Clock Source
1449
OSC0 Matrix power down or on selection
0: Matrix Down
1: Matrix On
1450
OSC0 turn on by register
0: Auto on by Multi-Func CNT
1: Always On
1451
OSC0 Divider Output0 control by matrix
0: Disable
1: Enable
1452
OSC0 Divider Output1 control by matrix
0: Disable
1: Enable
1453
OSC0 Pre-Divider Selection
00: DIV1
01: DIV2
10: DIV4
11: DIV8
1454
1455
Reserved
B6
1456
OSC1 Divider Clock Source
0: Use OSC
1: Use External Clock Source
1457
OSC1 Matrix power down or on selection
0: Matrix Down
1: Matrix On
1458
OSC1 turn on by register
0: Auto on by Multi-Func CNT
1: Always On
1459
OSC1 Divider Output0 control by matrix
0: Disable
1: Enable
B6
1460
OSC1 Pre-Divider Selection
000: DIV1
001: DIV2
010: DIV4
011: DIV8
100: DIV12
101: DIV24
110: DIV48
111: DIV96
1461
1462
1463
Reserved
Table 37: Register Map (Continued)
Address
Signal Function
Register Bit Definition
Byte
Register
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com