Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 164 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 164 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 160Page - Dialog Semiconductor SLG47503 Datasheet HTML 161Page - Dialog Semiconductor SLG47503 Datasheet HTML 162Page - Dialog Semiconductor SLG47503 Datasheet HTML 163Page - Dialog Semiconductor SLG47503 Datasheet HTML 164Page - Dialog Semiconductor SLG47503 Datasheet HTML 165Page - Dialog Semiconductor SLG47503 Datasheet HTML 166Page - Dialog Semiconductor SLG47503 Datasheet HTML 167Page - Dialog Semiconductor SLG47503 Datasheet HTML 168Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
164 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
B0
1408
GPIO11 input mode configuration
00: Digital in without Schmitt Trigger
01: Digital in with Schmitt Trigger
10: Low voltage digital in mode
11: Reserved/Analog IO
1409
1410
GPIO11 output mode configuration
00: 1x Push-Pull
01: 2x Push-Pull
10: 1x Open-Drain pull down
11: 2x Open-Drain pull down
1411
1412
Reserved
1413
GPIO11 Pull-up or Pull-down resistor selection
00: Floating (disconnected)
01: 10 k
Ω
10: 100 k
Ω
11: 1 M
Ω
1414
1415
GPIO11 Pull-up or Pull-down mode selection
0: Pull-down
1: Pull-up
B1
1416
GPIO12 input mode configuration
00: Digital in without Schmitt Trigger
01: Digital in with Schmitt Trigger
10: Low voltage digital in mode
11: Reserved/Analog IO
1417
1418
GPIO12 output mode configuration
00: 1x Push-Pull
01: 2x Push-Pull
10: 1x Open-Drain pull down
11: 2x Open-Drain pull down
1419
1420
Reserved
1421
GPIO12 Pull-up or Pull-down resistor selection
00: Floating (disconnected)
01: 10 k
Ω
10: 100 k
Ω
11: 1 M
Ω
1422
1423
GPIO12 Pull-up or Pull-down mode selection
0: Pull-down
1: Pull-up
B2
1424
Turn on I2C open drain fast or slow
0: Turn on I2C open drain fast
1: Turn on I2C open drain slow
1425
IO Latching Enable During Host Write
0: Disable
1: Pad digital output latches at previous state
1426
Fast pull up or pull down during power up
0: Disable
1: Enable
(During power-up, GPIO Pull-up/down resistance will switch
to 2.6 k
Ω initially and then it will switch to normal setting value)
1427
Pull pad to high when gpi_from_pad is high
0: Disable
1: Enable
1428
Reserved
1429
Reserved
1430
Reserved
1431
Reserved
B3
1432
Filter/Edge Detector Output Polarity
0: Non-inverted
1: Inverted
1433
Edge Detect Mode
00: Rising Edge Detector
01: Falling Edge Detector
10: Both Edge Detector
11: Both Edge Delay
1434
1435
Edge Detect Filter Function Select
0: Filter
1: Edge Detect
1436
Reserved
1437
Reserved
1438
Reserved
1439
Reserved
Table 37: Register Map (Continued)
Address
Signal Function
Register Bit Definition
Byte
Register
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com