Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 166 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 166 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 162Page - Dialog Semiconductor SLG47503 Datasheet HTML 163Page - Dialog Semiconductor SLG47503 Datasheet HTML 164Page - Dialog Semiconductor SLG47503 Datasheet HTML 165Page - Dialog Semiconductor SLG47503 Datasheet HTML 166Page - Dialog Semiconductor SLG47503 Datasheet HTML 167Page - Dialog Semiconductor SLG47503 Datasheet HTML 168Page - Dialog Semiconductor SLG47503 Datasheet HTML 169Page - Dialog Semiconductor SLG47503 Datasheet HTML 170Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
166 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
B7
1464
OSC0 OUT0 Post-Divider Selection
000: DIV1
001: DIV2
010: DIV3
011: DIV4
100: DIV8
101: DIV12
110: DIV24
111: DIV64
1465
1466
1467
Reserved
1468
OSC0 OUT1 Post-Divider Selection
000: DIV1
001: DIV2
010: DIV3
011: DIV4
100: DIV8
101: DIV12
110: DIV24
111: DIV64
1469
1470
1471
Reserved
B8
1472
OSC1 OUT0 Post-Divider Selection
000: DIV1
001: DIV2
010: DIV3
011: DIV4
100: DIV8
101: DIV12
110: DIV24
111: DIV64
1473
1474
1475
Reserved
1476
Reserved
1477
Reserved
1478
Reserved
1479
Reserved
B9
1480
OSC1 Enable 100 ns delay
0: no delay
1: 100 ns delay
1481
OSC1 Enable startup 1st edge function
0: Enable
1: Disable
1482
OSC1 output synchronous type select
00: OSC will have 1-2 output pulses after Power Down
01: When OSC Power Down signal comes, OSC generates
full output pulse and then stops
10: When OSC Power Down signal comes, OSC output goes
low immediately
11: When OSC Power Down signal comes, OSC output goes
low immediately
1483
B9
1484
OSC0 Enable 500
µs delay
0: 500
µs delay
1: no delay
1485
Reserved
1486
OSC0 output synchronous type select
00: OSC will have 1-2 output pulses after Power Down
01: When OSC Power Down signal comes, OSC generates
full output pulse and then stops
10: When OSC Power Down signal comes, OSC output goes
low immediately
11: When OSC Power Down signal comes, OSC output goes
low immediately
1487
Table 37: Register Map (Continued)
Address
Signal Function
Register Bit Definition
Byte
Register
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com