Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 167 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 167 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 163Page - Dialog Semiconductor SLG47503 Datasheet HTML 164Page - Dialog Semiconductor SLG47503 Datasheet HTML 165Page - Dialog Semiconductor SLG47503 Datasheet HTML 166Page - Dialog Semiconductor SLG47503 Datasheet HTML 167Page - Dialog Semiconductor SLG47503 Datasheet HTML 168Page - Dialog Semiconductor SLG47503 Datasheet HTML 169Page - Dialog Semiconductor SLG47503 Datasheet HTML 170Page - Dialog Semiconductor SLG47503 Datasheet HTML 171Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
167 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
BA
1488
ACMP0 Vref Selection
000000: 25 mV
000001: 50 mV
011110: 775 mV
011111: 800 mV
100000: 825 mV
100001: 850 mV
100010~111110: Reserved
111111: external Vref
(Default 25 mV)
1489
1490
1491
1492
1493
1494
ACMP0 Hysteresis selection
00: 0 mV
01: 25 mV
10: 50 mV
11: 150 mV
1495
BB
1496
Reserved
1497
Reserved
1498
ACMPH0 Input Divider
00: 1x
01: 0.5x
10: Reserved
11: Reserved
1499
1500
ACMP0 Input tie to VDD Enable
0: Do not pull
1: Pull to VDD
(Pull positive input up to VDD)
1501
Reserved
1502
Reserved
1503
Reserved
BC
1504
ACMPH1 Vref Selection
000000: 25 mV
000001: 50 mV
011110: 775 mV
011111: 800 mV
100000: 825 mV
100001: 850 mV
100010~111110: Reserved
111111: external Vref
(Default: 25 mV)
1505
1506
1507
1508
1509
BC
1510
ACMP1 Hysteresis selection
00: 0 mV
01: 25 mV
10: 50 mV
11: 150 mV
1511
BD
1512
Reserved
1513
Reserved
1514
ACMPH1 Input Divider
00: 1x
01: 0.5x
10: Reserved
11: Reserved
1515
1516
ACMPH1 Input tie to ACMPH0 Enable
0: Do not pull
1: Pull to input of ACMPH0
(Pull positive input of ACMPH1 as the input of ACMPH0)
1517
ACMP1 External Vref Select
0: Vinn of ACMPH1 from Pin
1: Vinn of ACMPH1 from Vinn of ACMPH0
1518
Reserved
1519
Reserved
Table 37: Register Map (Continued)
Address
Signal Function
Register Bit Definition
Byte
Register
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com