Electronic Components Datasheet Search
  English  ▼

X  

P5021 Datasheet(PDF) 120 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 120 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 116Page - NXP Semiconductors P5021 Datasheet HTML 117Page - NXP Semiconductors P5021 Datasheet HTML 118Page - NXP Semiconductors P5021 Datasheet HTML 119Page - NXP Semiconductors P5021 Datasheet HTML 120Page - NXP Semiconductors P5021 Datasheet HTML 121Page - NXP Semiconductors P5021 Datasheet HTML 122Page - NXP Semiconductors P5021 Datasheet HTML 123Page - NXP Semiconductors P5021 Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
120
2.20.7.1.1
SATA DC transmitter Output Characteristics
This table provides the DC differential transmitter output DC characteristics for the transmission.
This table provides the differential transmitter output DC characteristics for the SATA interface at Gen2i or 3.0 Gbits/s
transmission.
2.20.7.1.2
SATA DC receiver Input Characteristics
This table provides the Gen1i or 1.5 Gbits/s differential receiver input DC characteristics for the SATA interface.
Table 79. Gen1i/1.5G transmitter DC specifications (XVDD = 1.5V or 1.8V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typ
Max
Units
Notes
Transmitter differential output
voltage
VSATA_TXDIFF
400
—
600
mV p-p
1
Transmitter differential pair
impedance
ZSATA_TXDIFFIM
85
100
115
Ω
2
Notes:
1. Terminated by 50
Ω load
2. DC impedance
Table 80. Gen 2i/3G transmitter DC specifications (XVDD = 1.5 V or 1.8 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typ
Max
Units
Notes
Transmitter diff output voltage
VSATA_TXDIFF
400
—
700
mV p-p
1
Transmitter differential pair
impedance
ZSATA_TXDIFFIM
85
100
115
Ω
—
Note:
1. Terminated by 50
Ω load
Table 81. Gen1i/1.5 G receiver Input DC specifications (XVDD = 1.5V or 1.8V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typical
Max
Units
Notes
Differential input voltage
VSATA_RXDIFF
240
—
600
mV p-p
1
Differential receiver input impedance
ZSATA_RXSEIM
85
100
115
Ω
2
OOB signal detection threshold
VSATA_OOB
50
120
240
mV p-p
2
Notes:
1. Voltage relative to common of either signal comprising a differential pair
2. DC impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com