Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 36Page - NXP Semiconductors PCA5010 Datasheet HTML 37Page - NXP Semiconductors PCA5010 Datasheet HTML 38Page - NXP Semiconductors PCA5010 Datasheet HTML 39Page - NXP Semiconductors PCA5010 Datasheet HTML 40Page - NXP Semiconductors PCA5010 Datasheet HTML 41Page - NXP Semiconductors PCA5010 Datasheet HTML 42Page - NXP Semiconductors PCA5010 Datasheet HTML 43Page - NXP Semiconductors PCA5010 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 112 page
background image
1998 Nov 02
40
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
6.14.2
WAKE-UP COUNTER CONTROL REGISTER (WUCON)
The WUCON special function register is used to control the operation of the wake-up counter by software.
Table 30 Wake-up Counter Control Register (WUCON, SFR address 94H)
Table 31 Description of the WUCON bits
6.14.3
WAKE-UP DATA REGISTERS (WUC0 AND WUC1)
The WUC0 and WUC1 special function registers are used to define the interval to the next wake-up interrupt.
Table 32 Low Wake-Up Register (WUC0, SFR address 95H)
Table 33 High Wake-Up Register (WUC1, SFR address 96H)
76543210
RUN
WUP
TEST
CPL
Z1
Z0
LOAD
SET
BIT
SYMBOL
FUNCTION
WUCON.7
RUN
Control signal from the processor.
WUCON.6
WUP
Latched wake-up signal. The bit is set by hardware (or software) and generates a
wake-up interrupt if enabled and the DC/DC converter STB-bit is set. The bit needs to
be cleared by software (SFR and 1 V bits). A SET sequence is required to clear the flag
on the 1 V side. Attention: reading the bit reads the contents of the ‘real’ wake-up flag
on the 1 V side (read/modify/write commands will fail on this bit).
WUCON.5
TEST
Test control signal. (uses 76.8 kHz as clock input for high and low counter).
WUCON.4
CPL
Set operation completed. Bit set by hardware when the last operation is completed
and the SFRs are again ready to accept new settings. The bit generates a wake-up
interrupt if enabled. The bit needs to be cleared by software.
WUCON.3
Z1
2 bits that are only reset by a primary RESETIN. The bits can be written to and read
from by the software. The bits are not cleared when the DC/DC converter is switched
off. Same procedure for setting the bits as WU0 to WU15 (reading these bits returns the
‘real’ flags on the 1 V side; read/modify/write commands will fail on this bit).
WUCON.2
Z0
WUCON.1
LOAD
Load wake-up counter with contents of reload latch (see Fig.21). Is sampled on the
positive edge of SET.
WUCON.0
SET
Clock signal for writing to RUN or wake-up SFR (on 1 V level).
76543210
WU7
WU6
WU5
WU4
WU3
WU2
WU1
WU0
76543210
WU15
WU14
WU13
WU12
WU11
WU10
WU9
WU8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com