Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 41Page - NXP Semiconductors PCA5010 Datasheet HTML 42Page - NXP Semiconductors PCA5010 Datasheet HTML 43Page - NXP Semiconductors PCA5010 Datasheet HTML 44Page - NXP Semiconductors PCA5010 Datasheet HTML 45Page - NXP Semiconductors PCA5010 Datasheet HTML 46Page - NXP Semiconductors PCA5010 Datasheet HTML 47Page - NXP Semiconductors PCA5010 Datasheet HTML 48Page - NXP Semiconductors PCA5010 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 112 page
background image
1998 Nov 02
45
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
Fig.24 Demodulator performance in 2L mode.
handbook, full pagewidth
102
10−2
10−1
1
10
17
3
MGR339
913
715
Eb/No
511
BER
(%)
(2)
(3)
(4)
(5)
(1)
(1) 2 level 1200.
(2) 2 level 1600.
(3) 2 level 3125.
(4) 2 level 2400.
(5) 2 level 3200.
handbook, full pagewidth
102
10−2
10−1
1
10
17
3
MGR340
913
715
Eb/No
511
BER
(%)
(2)
(3)
(4)
(5)
(1)
(1) 4 level 1200.
(2) 4 level 1600.
(3) 4 level 3125.
(4) 4 level 2400.
(5) 4 level 3200.
Fig.25 Demodulator performance in 4L mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com