Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 85Page - NXP Semiconductors PCA5010 Datasheet HTML 86Page - NXP Semiconductors PCA5010 Datasheet HTML 87Page - NXP Semiconductors PCA5010 Datasheet HTML 88Page - NXP Semiconductors PCA5010 Datasheet HTML 89Page - NXP Semiconductors PCA5010 Datasheet HTML 90Page - NXP Semiconductors PCA5010 Datasheet HTML 91Page - NXP Semiconductors PCA5010 Datasheet HTML 92Page - NXP Semiconductors PCA5010 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 112 page
background image
1998 Nov 02
89
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
Fig.51 Supply current in normal mode.
VDD = 2.2 V, microcontroller idle, all functions disabled.
Note: This curve cannot be directly measured by varying VBAT, because the shown current is the battery current in discontinuous mode.
Changing the battery voltage can force the DC/DC converter to enter continuous mode.
At a given battery voltage a mode change from continuous to discontinuous mode happens only after a load reduction.
handbook, halfpage
0.8
1
1.2
1.6
200
0
160
MGR148
1.4
120
80
40
VBAT (V)
IBAT
(
µA)
Fig.52 Supply current in standby mode.
VDD = 1.9 V, microcontroller running at approximately 1.6 MIPS, all
other functions disabled.
handbook, halfpage
3
1
0
2
MGR149
0.8
1
1.2
1.6
1.4
VBAT (V)
IBAT
(mA)
Fig.53 CPU speed performance with DC/DC in
standby mode.
VDD = 1.9 V, microcontroller running at maximum speed.
handbook, halfpage
3
1
0
2
MGR150
0.8
1
1.2
1.6
1.4
VBAT (V)
MIPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com