Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 83Page - NXP Semiconductors PCA5010 Datasheet HTML 84Page - NXP Semiconductors PCA5010 Datasheet HTML 85Page - NXP Semiconductors PCA5010 Datasheet HTML 86Page - NXP Semiconductors PCA5010 Datasheet HTML 87Page - NXP Semiconductors PCA5010 Datasheet HTML 88Page - NXP Semiconductors PCA5010 Datasheet HTML 89Page - NXP Semiconductors PCA5010 Datasheet HTML 90Page - NXP Semiconductors PCA5010 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 112 page
background image
1998 Nov 02
87
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
MGR161
ALE
PSEN
variable
execute time
DATA input
AL
driven
DATA input
AH driven
AH driven
P0
P2
3T
4T
5T
6T
0T
1T
2T
3T
4T
5T
6T
....
nT
ALE, PSEN cycle
tCE
T
instruction execution cycle
Fig.46 External access timing.
T being the half period of the internal
6 MHz oscillator for normal external
access and of TCLK for emulation,
programming and test modes.
The minimum duration of one cycle is 6T.
It can be extended by increments of
[0 to n]T if the execution of an instruction
needs more time (dependant of VDD, T,
Temperature, Opcode).
Execution of an op-code goes in parallel
with the external access cycle for the
next sequential byte. Eventually an
already fetched byte is discarded
depending on the executed instruction
(e.g. any jump or return).
12 CHARACTERISTIC CURVES
Fig.47 Measured battery current consumption as function of mean microcontroller instruction rate.
handbook, full pagewidth
3
0
2
1
MGR144
(2)
(1)
0
0.4
1.6
MIPS
2
1.2
0.8
IBAT
(mA)
VBAT = 1.2 V.
(1) DC/DC converter in normal mode.
(2) DC/DC converter in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com