Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 28Page - NXP Semiconductors PCA5010 Datasheet HTML 29Page - NXP Semiconductors PCA5010 Datasheet HTML 30Page - NXP Semiconductors PCA5010 Datasheet HTML 31Page - NXP Semiconductors PCA5010 Datasheet HTML 32Page - NXP Semiconductors PCA5010 Datasheet HTML 33Page - NXP Semiconductors PCA5010 Datasheet HTML 34Page - NXP Semiconductors PCA5010 Datasheet HTML 35Page - NXP Semiconductors PCA5010 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 112 page
background image
1998 Nov 02
32
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
6.11.2
CLOCK CORRECTION CONTROL REGISTER (CCON)
The CCON special function register is used to control the clock correction by software.
Table 20 Clock Correction Control Register (CCON, SFR address FCH)
Table 21 Description of the CCON bits
6.11.3
CLOCK CORRECTION INTERVAL REGISTERS (CC0 AND CC1)
The CC0 and CC1 special function registers (together with CCON.3 and CCON.4) are used to define the interval between
subsequent clock correction actions.
Table 22 Clock Correction Interval Register (CC0, SFR address FDH)
Table 23 Clock Correction Interval Register (CC1, SFR address FEH)
76543210
ENB
PLUS
TEST
CIV17
CIV16
−
BYPASS
SET
BIT
SYMBOL
FUNCTION
CCON.7
ENB
Enable clock correction. If ENB = 1 has been set, then correction is enabled and will
stay enabled even when the DC/DC converter is shut down and restarted.
CCON.6
PLUS
± Sign for value. If PLUS = 1 then clock pulses are inserted, or else deleted.
CCON.5
TEST
Test signal, must always be logic 0 in normal mode. It is used during test to bypass the
first 9 FFs in the timing generator divider chain. If TEST = 1 the clock rate of the signals
9600 Hz and 256 Hz is doubled and the frequency on 16 Hz and 4 Hz is multiplied
by 300.
CCON.4
CIV17
bit 17 of interval value, is used as extension of CC0 and CC1
CCON.3
CIV16
bit 16 of interval value, is used as extension of CC0 and CC1
CCON.2
−
unused.
CCON.1
BYPASS
Test signal, must always be logic 0 in normal mode. It is used during test to generate
76.8 kHz on all outputs of the timing generator (4 Hz, 16 Hz, 256 Hz and 9600 Hz).
CCON.0
SET
A load signal to the interval register. After a logic 0 to logic 1 transition of this bit the
value of ENB, PLUS, TEST, BYPASS and CIV are copied into the local latches with the
next 76.8 kHz clock pulse. A duration of one MOV instruction is long enough for the set
operation to complete. The SFR values must remain stable for at least one oscillator
period because the actual transfer happens synchronized with the local clock
(see Figs 16 and 18).
76543210
CIV7
CIV6
CIV5
CIV4
CIV3
CIV2
CIV1
CIV0
76543210
CIV15
CIV14
CIV13
CIV12
CIV11
CIV10
CIV9
CIV8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com