Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA5010 Datasheet HTML 1Page - NXP Semiconductors PCA5010 Datasheet HTML 2Page - NXP Semiconductors PCA5010 Datasheet HTML 3Page - NXP Semiconductors PCA5010 Datasheet HTML 4Page - NXP Semiconductors PCA5010 Datasheet HTML 5Page - NXP Semiconductors PCA5010 Datasheet HTML 6Page - NXP Semiconductors PCA5010 Datasheet HTML 7Page - NXP Semiconductors PCA5010 Datasheet HTML 8Page - NXP Semiconductors PCA5010 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
1998 Nov 02
4
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
3
GENERAL DESCRIPTION
The PCA5010 pager baseband controller is manufactured
in an advanced CMOS/OTP technology.
The PCA5010 is an 8-bit microcontroller especially suited
for pagers. For this purpose, features such as a
4 or 2 level FSK demodulator, filter, clock recovery,
protocol timer, DC/DC converter optimized for small
paging systems and RTC are integrated on-chip.
The device is optimized for low power consumption.
The PCA5010 has several software selectable modes for
power reduction: Idle and Power-down mode of the
microcontroller and Standby and OFF mode of the DC/DC
converter.
The instruction set of the PCA5010 is based on that of the
80C51. The PCA5010 also functions as an arithmetic
processor having facilities for both binary and BCD
arithmetic plus bit-handling capabilities. The instruction set
consists of over 100 instructions: 49 one-byte, 46 two-byte
and 16 three-byte.
This data sheet details the properties of the PCA5010.
For details on the I2C-bus functions see
“The I2C-bus and
how to use it”. For details on the basic 80C51 properties
and features see
“Data Handbook IC20”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com