| Electronic Components Datasheet Search |
|
PCA5010 Datasheet(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA5010 Datasheet(HTML) 49 Page - NXP Semiconductors |
|
49 / 112 page ![]() 1998 Nov 02 49 Philips Semiconductors Product specification Pager baseband controller PCA5010 Table 42 Description of the DMD1 bits 6.17.4 CLOCK RECOVERY CONTROL REGISTER (DMD2) The clock recovery control register DMD2 contains the control bits for enabling the clock recovery function and setting its mode. Whenever the clock recovery function is enabled (DMD2.7 = 1) the positive edge of the synchronized SYMCLK signal will force a SymClk interrupt through the IRQ1.3 request flag after [B2, B1 and B0] received bits (see Table 50). Table 43 Clock Recovery Control Register (DMD2, SFR address EEH) Table 44 Description of the DMD2 bits 6.17.5 DEMODULATOR DATA REGISTER (DMD3) The demodulator data register DMD3 contains the (demodulated) recovered received symbols. Table 45 Demodulator Data Register (DMD3, SFR address EFH) BIT SYMBOL FUNCTION DMD1.7 ENA enable averaging function/offset calculation DMD1.6 AVG6 7-bit value indicating the offset value of the demodulator. This is an indication of the LO offset frequency and will be used to determine the AFC output voltage. For coding see Table 37. DMD1.5 AVG5 DMD1.4 AVG4 DMD1.3 AVG3 DMD1.2 AVG2 DMD1.1 AVG1 DMD1.0 AVG0 76543210 ENC − BF − TEST B2 B1 B0 BIT SYMBOL FUNCTION DMD2.7 ENC enable clock recovery function DMD2.6 − not used DMD2.5 BF bypass demodulator filter DMD2.4 − not used DMD2.3 TEST reserved, should always be logic 0 DMD2.2 B2 select number of bits per interrupt: DMD2.1 B1 If LEV = 0 then 000 = 1-bit, 001 = 2-bit to 111 = 8-bit DMD2.0 B0 If LEV = 1 then 00X = 2-bit, 01X = 4-bit, 10X = 6-bit, 11X = 8-bit 76543210 D7 D6 D5 D4 D3 D2 D1 D0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |