Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 21Page - NXP Semiconductors PCA5010 Datasheet HTML 22Page - NXP Semiconductors PCA5010 Datasheet HTML 23Page - NXP Semiconductors PCA5010 Datasheet HTML 24Page - NXP Semiconductors PCA5010 Datasheet HTML 25Page - NXP Semiconductors PCA5010 Datasheet HTML 26Page - NXP Semiconductors PCA5010 Datasheet HTML 27Page - NXP Semiconductors PCA5010 Datasheet HTML 28Page - NXP Semiconductors PCA5010 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 112 page
background image
1998 Nov 02
25
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
Table 15 Symbols used in Tables 12 to 14
SYMBOL
DESCRIPTION
SLA
7-bit slave address
R
read bit
W
write bit
ACK
acknowledgement (acknowledge bit = logic 0)
ACK
no acknowledgement (acknowledge bit = logic 1)
DATA
8-bit data byte to or from I2C-bus
MST
master
SLV
slave
TRX
transmitter
REC
receiver
6.9
Serial interface SIO0: UART
The UART interface of the PCA5010 implements a subset
of the complete standard as defined in e.g. the P80CL580.
6.9.1
DIFFERENCES TO THE STANDARD 80C51 UART
The following deviations from the standard exist:
• If [SM1 and SM0] = 10 then Mode 1 (8-bit data
transmission) is selected, with a fixed baud rate
(4800/9600 bits/s)
• If [SM1 and SM0] = 01 then Mode 2 (9-bit data
transmission) is selected, with a fixed baud rate
(4800/9600 bits/s)
• Modes 0 and 3 and the variable baud rate selection
using Timer 1 overflow is not available
• The SM2 bit has no function
• The time reference for modes 1 and 2 is taken from the
76.8 kHz oscillator, instead of the original
6.9.2
UART MODES
This serial port is full duplex which means that it can
transmit and receive simultaneously. It is also
receive-buffered and can commence reception of a
second byte before a previously received byte has been
read from the register. However, if the first byte has not
been read by the time the reception of the second byte is
complete, the second byte will be lost. The serial port
receive and transmit registers are both accessed via the
special function register S0BUF. Writing to S0BUF loads
the transmit register and reading S0BUF accesses a
physically separate receive register.
f
OSC
12
-----------
The serial port can operate in 2 modes:
Mode 1 10 bits are transmitted (through TXD) or received
(through RXD): a START bit (0), 8 data bits (LSB
first) and a stop bit (1). On receive, the stop bit
goes into RB8 in special function register S0CON
(see Figs 11 and 12).
Mode 2 11 bits are transmitted (through TXD) or received
(through RXD): a start bit (0), 8 data bits (LSB
first), a programmable 9th data bit and a STOP
bit (1). On transmit, the 9th data bit (TB8 in
S0CON) can be assigned the value of 0 or 1.
Or, for example, the parity bit (P, in the PSW)
could be moved into TB8. On receive, the 9th
data bit goes into RB8 in S0CON, while the STOP
bit is ignored (see Figs 11 and 13).
In both modes the baud rate can be selected to either
4800 or 9600 depending on the SMOD bit in the PCON
SFR. If SMOD = 0 the baud rate is 4800, if SMOD = 1 the
baud rate is 9600 with a 76.8 kHz quartz.
In both modes, transmission is initiated by any instruction
that uses S0BUF as a destination register. Reception is
initiated by the incoming start bit if REN = 1.
6.9.3
SERIAL PORT CONTROL REGISTER (S0CON)
The serial port control and status register is the special
function register S0CON (see Table 16). The register
contains not only the mode selection bits, but also the 9th
data bit for transmit and receive (TB8 and RB8), and the
serial port interrupt bits (TI and RI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com