Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 16Page - NXP Semiconductors PCA5010 Datasheet HTML 17Page - NXP Semiconductors PCA5010 Datasheet HTML 18Page - NXP Semiconductors PCA5010 Datasheet HTML 19Page - NXP Semiconductors PCA5010 Datasheet HTML 20Page - NXP Semiconductors PCA5010 Datasheet HTML 21Page - NXP Semiconductors PCA5010 Datasheet HTML 22Page - NXP Semiconductors PCA5010 Datasheet HTML 23Page - NXP Semiconductors PCA5010 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 112 page
background image
1998 Nov 02
20
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
6.8
I2C-bus serial I/O
The serial port supports the 2-line I2C-bus which consists
of a data line (SDA) and a clock line (SCL). These lines
also function as the I/O port lines P1.7 and P1.6
respectively. The system is unique because data
transport, clock generation, address recognition and bus
control arbitration are all controlled by hardware. The
I2C-bus serial I/O has complete autonomy in byte
handling. The implementation in the PCA5010 operates in
single master mode as:
• Master transmitter
• Master receiver.
These functions are controlled by the S1CON register.
S1STA is the status register whose contents may also be
used as a vector to various service routines. S1DAT is the
data shift register. The block diagram of the I2C-bus
serial I/O is shown in Fig.8.
6.8.1
DIFFERENCES TO A STANDARD I2C-BUS INTERFACE
The I2C-bus interface of the PCA5010 implements the
standard for master receiver and transmitter as defined in
e.g. P83CL781/782 with the following restrictions:
• The baud rate is fixed to either 100 kHz (CR0 = 0) or
400 kHz (CR0 = 1) derived from the on-chip 6 MHz
oscillator. Therefore bits CR1 and CR2 in the S1CON
SFR are not available.
• Only single master functions are implemented.
– Slave address (S1ADR) is not available
– Status register (S1STA) reports only status defined
for the MST/TRX and MST/REC modes
– Multimaster operation is not supported.
Fig.8 Block diagram of I2C-bus serial I/O.
handbook, full pagewidth
MGL449
SHIFT REGISTER
S1DAT
SDA
ARBITRATION LOGIC
SCL
BUS CLOCK GENERATOR
S1STA
7654
3210
S1CON
7654
3210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com