Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 3Page - NXP Semiconductors PCA5010 Datasheet HTML 4Page - NXP Semiconductors PCA5010 Datasheet HTML 5Page - NXP Semiconductors PCA5010 Datasheet HTML 6Page - NXP Semiconductors PCA5010 Datasheet HTML 7Page - NXP Semiconductors PCA5010 Datasheet HTML 8Page - NXP Semiconductors PCA5010 Datasheet HTML 9Page - NXP Semiconductors PCA5010 Datasheet HTML 10Page - NXP Semiconductors PCA5010 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
1998 Nov 02
7
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
P1.4
29
I/O
If the UART is disabled (ENS1 in S1CON.4 = 0) then P1.4 can be used as
general purpose P1 port pin. If the UART function is required, then a logic 1
must be written to P1.4. This I/O then becomes the TXD/clock line of the UART.
P1.4 has external interrupt INT6 (X6) assigned.
VSS
30
S
ground (connected to substrate)
VDD
31
S
supply voltage for the core logic and most peripheral drivers of the PCA5010
(see VDDA)
ALE
32
I/O
Address Latch Enable: Output pulse for latching the low byte of the address
during an access to external memory.
PSEN
33
I/O
Program Store Enable: The read strobe to external program memory. When
the device is executing code from the external program memory, PSEN is
activated for each code byte fetch.
EA
34
I/O
External Access Enable: EA must be externally held LOW to enable the
device to fetch code from external program memory locations 0000H to 7FFFH.
If EA is held HIGH, the device executes from internal program memory unless
the program counter contains an address greater the 7FFFH (32 kbytes).
TCLK
35
I
clock input for use as timing reference in external access mode and emulation
VPP
36
S
Programming voltage (12.5 V) for the OTP. Is connected to VSS in the
application.
P1.6
37
I/O
If the I2C-bus is disabled (ENS1 in S1CON.6 = 0) then P1.6 can be used as
general purpose P1 port pin. If the I2C-bus function is required, then a logic 1
must be written to P1.6. This I/O then becomes the clock line of the I2C-bus.
P1.6 is equipped with an open-drain output buffer. The pin has no clamp diode
to VDD.
P1.7
38
I/O
If the I2C-bus is disabled (ENS1 in S1CON.6 = 0) then P1.7 can be used as
general purpose P1 port pin. If the I2C-bus function is required, then a logic 1
must be written to P1.7. This I/O then becomes the data line of the I2C-bus.
P1.7 is equipped with an open-drain output buffer. The pin has no clamp diode
to VDD.
XTL2
39
O
output from the current source oscillator amplifier
XTL1
40
I
input to the inverting oscillator amplifier and time reference for pager decoder,
real-time clock and timers
VBAT
41
S
Supply terminal from battery. Is used for supplying parts of the chip that need to
operate at all times.
VDD(DC)
42
O
Supply voltage output of the DC/DC converter. An external capacitor is
required.
VIND
43
I
Current input for the DC/DC converter. The booster inductor needs to be
connected externally.
VSS(DC)
44
S
ground (connected to substrate) OTP
RESETIN
45
I
Schmitt trigger reset input for the PCA5010. External R and C need to be
connected to the battery supply. All internal storage elements (except
microcontroller RAM) are initialized when this input is activated.
SYMBOL
PIN
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com