Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 34Page - NXP Semiconductors PCA5010 Datasheet HTML 35Page - NXP Semiconductors PCA5010 Datasheet HTML 36Page - NXP Semiconductors PCA5010 Datasheet HTML 37Page - NXP Semiconductors PCA5010 Datasheet HTML 38Page - NXP Semiconductors PCA5010 Datasheet HTML 39Page - NXP Semiconductors PCA5010 Datasheet HTML 40Page - NXP Semiconductors PCA5010 Datasheet HTML 41Page - NXP Semiconductors PCA5010 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 112 page
background image
1998 Nov 02
38
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
6.13.4
EXAMPLE SEQUENCE FOR PROGRAMMING THE RTC:
Sequence to set another value into the RTC:
MOV RTCON, #06H; set LOAD, W/R bits
MOV RTC0, #(new value); load new RTC value into
SFR
MOV RTCON, #07H; now set the data valid flag (SET)
in the SFR.
Sequence to clear an interrupt of the RTC:
CLR IQ9; Interrupt request flag is IQ9
MOV RTCON, #00H; clear also MIN flag in the SFR
MOV RTCON, #01H; now set the data valid flag (SET)
in the SFR.
6.13.5
TIMING
The interface between 2 and 1 V regions is implemented
similar to the clock correction block. The sequence for
writing values is identical (see Fig.15).
Fig.20 Operation of RTC to microcontroller interface.
handbook, full pagewidth
MGR121
LOAD (RTCON)
SET (RTCON)
internal SET flag
internal store
internal write
RTC value
W/R (RTCON)
data (RTC0)
4 Hz
MOV RTC0 #m
MOV RTCON #...
data must be valid until here
cleared by hardware
update by
hardware
im
i
+ 1
ii
+ 1
update by
hardware
m
+ 1
mm
+ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com