Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 15Page - NXP Semiconductors PCA5010 Datasheet HTML 16Page - NXP Semiconductors PCA5010 Datasheet HTML 17Page - NXP Semiconductors PCA5010 Datasheet HTML 18Page - NXP Semiconductors PCA5010 Datasheet HTML 19Page - NXP Semiconductors PCA5010 Datasheet HTML 20Page - NXP Semiconductors PCA5010 Datasheet HTML 21Page - NXP Semiconductors PCA5010 Datasheet HTML 22Page - NXP Semiconductors PCA5010 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 112 page
background image
1998 Nov 02
19
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
6.7
Timer/event counters
The PCA5010 contains two 16-bit timer/event counters:
Timer 0 and Timer 1 which can perform the following
functions:
• Measure time intervals and pulse durations
• Count events
• Generate interrupt requests
• Generate output on comparator match
• Generate a Pulse Width Modulated (PWM) output
signal.
Timer 0 and Timer 1 can be programmed independently to
operate in four modes:
Mode 0 8-bit timer or 8-bit counter each with divide-by-32
prescaler.
Mode 1 16-bit time interval or event counter.
Mode 2 8-bit time interval or event counter with automatic
reload upon overflow.
Mode 3 this mode of the standard 80C51 is not available.
In the timer mode the timers count events on the XTL1
input. Timer 0 counts through a prescaler at a rate of
256 Hz and Timer 1 counts directly on both edges of the
XTL1 signal at a rate of 153.6 kHz. The nominal frequency
of the XTL1 signal is 76.8 kHz.
In the counter mode the register is incremented in
response to a HIGH-to-LOW transition at P3.4 (T0) and
P3.5 (T1).
Besides the different input frequencies and the
non-availability of Mode 3, both Timer 0 and Timer 1
behave exactly identical to the standard 80C51 Timer 0
and Timer 1.
Fig.7 Timer/counter 0 and 1: clock sources and control logic.
handbook, full pagewidth
MGR114
153.6 kHz
C/T = 0
C/T = 1
TL1
TH1
÷ 300
256 Hz
C/T = 0
C/T = 1
TL0
XTL1
T0
TR0
Gate
INT0
XTL1
T1
TR1
Gate
INT1
TH0
Detailed configuration of the 4 available modes is found in the 80C51 family hardware description (
“Philips Semiconductors IC20 Data Handbook”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com