Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 78Page - NXP Semiconductors PCA5010 Datasheet HTML 79Page - NXP Semiconductors PCA5010 Datasheet HTML 80Page - NXP Semiconductors PCA5010 Datasheet HTML 81Page - NXP Semiconductors PCA5010 Datasheet HTML 82Page - NXP Semiconductors PCA5010 Datasheet HTML 83Page - NXP Semiconductors PCA5010 Datasheet HTML 84Page - NXP Semiconductors PCA5010 Datasheet HTML 85Page - NXP Semiconductors PCA5010 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 112 page
background image
1998 Nov 02
82
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
Digital input pins I(D1), Q(D0) and TCLK
VIL
LOW-level input voltage
−−
0.2VDD
V
VIH
HIGH-level input voltage
0.8VDD
−−
V
IL
leakage current
VI =VDD or VSS
−0.1
−
0.1
µA
Digital input pin RESETIN
VIL
input low level
−−
0.2VBAT
V
VIH
input high level
0.8VBAT
−−
V
IL
leakage current
VI =VDD or VSS
−0.1
−
0.1
µA
Digital input/output pin EA
VIL
LOW-level input voltage
output not sinking current
−−
0.2VDD
V
VIH
HIGH-level input voltage
output not sinking current 0.8VDD
−−
V
I(o)sink
output sink current
VDD = 2.2 V; VI = 0.4 V
0.75
−−
mA
I(o)source
output source current
VDD = 2.2 V;
VI =VDD − 0.4 V
−−−0.75
mA
INMOS(h)
NMOS hold current
VDD = 2.2 V; VI = 0.6 V
−−
200
µA
IPMOS(h)
PMOS hold current
VDD = 2.2 V;
VI =VDD − 0.6 V
−200
−−
µA
Digital output pin RESOUT
I(o)sink
output sink current
VDD = 2.2 V; VI = 0.4 V
1.5
−−
mA
I(o)source
output source current
VDD = 2.2 V;
VI =VDD − 0.4 V
−−−1.5
mA
Digital input/output pins PSEN
VIL
LOW-level input voltage
output not sinking current
−−
0.2VDD
V
VIH
HIGH-level input voltage
output not sinking current 0.8VDD
−−
V
I(o)sink
output sink current
VDD = 2.2 V; VI = 0.4 V
0.75
−−
mA
I(o)source
output source current
VDD = 2.2 V;
VI =VDD − 0.4 V
−−−0.75
mA
Ipu
weak pull-up current
VDD = 2.2 V; VI =0V
−20
−7
−2
µA
Digital input/output pins ALE
VIL
LOW-level input voltage
output not sinking current
−−
0.2VDD
V
VIH
HIGH-level input voltage
output not sinking current 0.8VDD
−−
V
I(o)sink
output sink current
VDD = 2.2 V; VI = 0.4 V
1.5
−−
mA
I(o)source
output source current
VDD = 2.2 V;
VI =VDD − 0.4 V
−−−1.5
mA
Ipu
weak pull-up current
VDD = 2.2 V; VI =0V
−20
−7
−2
µA
Microcontroller input/output ports P0, P1 and P2 pins (except P1.6 and P1.7)
VIL
LOW-level input voltage
output not sinking current
−−
0.2VDD
V
VIH
HIGH-level input voltage
output not sinking current 0.8VDD
−−
V
I(o)sink
output sink current
VDD = 2.2 V; VI = 0.4 V
0.75
−−
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com