Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 70Page - NXP Semiconductors PCA5010 Datasheet HTML 71Page - NXP Semiconductors PCA5010 Datasheet HTML 72Page - NXP Semiconductors PCA5010 Datasheet HTML 73Page - NXP Semiconductors PCA5010 Datasheet HTML 74Page - NXP Semiconductors PCA5010 Datasheet HTML 75Page - NXP Semiconductors PCA5010 Datasheet HTML 76Page - NXP Semiconductors PCA5010 Datasheet HTML 77Page - NXP Semiconductors PCA5010 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 112 page
background image
1998 Nov 02
74
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
Data transfer
MOV
A,Rn
move register to A
1
0.377
1.406
E*
MOV
A,direct
move direct byte to A
2
0.509
2.080
E5
MOV
A,@Ri
move indirect RAM to A
1
0.408
1.568
E6, E7
MOV
A,#data
move immediate data to A
2
0.426
1.752
74
MOV
Rn,A
move A to register
1
0.344
1.347
F*
MOV
Rn,direct
move direct byte to register
2
0.602
2.654
A*
MOV
Rn,#data
move immediate data to register
2
0.415
1.839
7*
MOV
direct,A
move A to direct byte
2
0.477
2.024
F5
MOV
direct,Rn
move register to direct byte
2
0.536
2.294
8*
MOV
direct,direct
move direct byte to direct byte
3
0.661
2.950
85
MOV
direct,@Ri
move indirect RAM to direct byte
2
0.564
2.438
86, 87
MOV
direct,#data
move immediate data to direct byte
3
0.679
3.017
75
MOV
@RI,A
move A to indirect RAM
1
0.378
1.517
F6, F7
MOV
@Ri,direct
move direct byte to indirect RAM
2
0.633
2.629
A6, A7
MOV
@Ri,#data
move immediate data to indirect RAM
3
0.448
2.019
76, 77
MOV
DPTR,#data 16 load data pointer with a 16-bit constant
3
0.519
2.267
90
MOVC
A,@A+DPTR
move code byte relative to DPTR to A
1
0.775
3.570
93
MOVC
A,@A+PC
move code byte relative to PC to A
1
0.770
3.374
83
MOVX
A,@Ri
move external RAM (8-bit address) to A
1
0.707
2.732
E2, E3
MOVX
A,@DPTR
move external RAM (16-bit address) to A
1
0.710
2.605
E0
MOVX
@Ri,A
move A to external RAM (8-bit address)
1
0.629
2.595
F2, F3
MOVX
@DPTR,A
move A to external RAM (16-bit address)
1
0.631
2.439
F0
PUSH
direct
push direct byte onto stack
2
0.600
2.543
C0
POP
direct
pop direct byte from stack
2
0.606
2.548
D0
XCH
A,Rn
exchange register with A
1
0.513
1.847
C*
XCH
A,direct
exchange direct byte with A
2
0.645
2.526
C5
XCH
A,@Ri
exchange indirect RAM with A
1
0.544
2.024
C6, C7
XCHD
A,@Ri
exchange LOW-order nibble indirect RAM
with A
1
0.486
1.904
D6, D7
Boolean variable manipulation
CLR
C
clear carry flag
1
0.293
1.075
C3
CLR
bit
clear direct bit
2
0.597
2.509
C2
SETB
C
set carry flag
1
0.293
1.084
D3
SETB
bit
set direct bit
2
0.611
2.603
D2
CPL
C
complement carry flag
1
0.320
1.134
B3
CPL
bit
complement direct bit
2
0.583
2.471
B2
ANL
C,bit
AND direct bit to carry flag
2
0.540
2.187
82
ANL
C,/bit
AND complement of direct bit to carry flag
2
0.563
2.388
B0
MNEMONIC
DESCRIPTION
BYTES
EXEC.
TIME [
µs]
ENERGY
[NJ]
OPCODE
(HEX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com