Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA5010 Datasheet HTML 1Page - NXP Semiconductors PCA5010 Datasheet HTML 2Page - NXP Semiconductors PCA5010 Datasheet HTML 3Page - NXP Semiconductors PCA5010 Datasheet HTML 4Page - NXP Semiconductors PCA5010 Datasheet HTML 5Page - NXP Semiconductors PCA5010 Datasheet HTML 6Page - NXP Semiconductors PCA5010 Datasheet HTML 7Page - NXP Semiconductors PCA5010 Datasheet HTML 8Page - NXP Semiconductors PCA5010 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 112 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGR107
PORT
CONTROL
P0
VPP
P0
XTL2
XTL1
P2
P3
(T0, T1,
INT0, INT1)
P1
(SDA, SCL,
RXD, TXD)
P2
P3
P1
OTP/ROM
TIMER 0
TIMER 1
RAM
PROCESSOR
80C51
INTERRUPT
CONTROL
UART SIO
SYMBOL SAMPLING
CLOCK RECOVERY
DIGITAL
FILTER
ZERO-IF
4L DEMODULATOR
I2C SIO
CLOCK
CORRECTION
various clocks
CLOCK
GENERATOR
RTC
ALE, PSEN, EA TCLK
WAKE-UP
MODE AND
TEST CONTROL
POWER
CONTROLLER
TONE
GENERATOR
6 MHz
OSCILLATOR
WATCHDOG
DAC
I(D1), Q(D0)
AFCOUT
AT
VIND
VDD(DC)
VSS(DC)
VBAT
supplied by VBAT
VDD
VSS
RESETIN
RESOUT
76.8 kHz
OSCILLATOR
7
4
8
8
2
2
3
2
DC/DC
CONVERTER
Fig.1 Block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com