Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 42Page - NXP Semiconductors PCA5010 Datasheet HTML 43Page - NXP Semiconductors PCA5010 Datasheet HTML 44Page - NXP Semiconductors PCA5010 Datasheet HTML 45Page - NXP Semiconductors PCA5010 Datasheet HTML 46Page - NXP Semiconductors PCA5010 Datasheet HTML 47Page - NXP Semiconductors PCA5010 Datasheet HTML 48Page - NXP Semiconductors PCA5010 Datasheet HTML 49Page - NXP Semiconductors PCA5010 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 112 page
background image
1998 Nov 02
46
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
Fig.26 Filter characteristics in direct filter mode.
handbook, full pagewidth
10
−40
102
103
104
MGR341
−30
−20
−10
0
amplitude
(dB)
f (Hz)
1600 1200
2400 3125 3200
6.17.1.2
Clock recovery
The clock recovery regenerates the synchronization clock
using the edges of the incoming NRZ data. When the NRZ
data have no edges for a long time, the synchronization is
maintained by means of the correction information from
the clock correction block.
While the clock recovery is disabled, the momentary
phase of the recovered clock is frozen. If the clock
recovery is enabled at the same relative position within
one bit, where it was disabled, then the recovered clock
phase will be correct immediately.
The recovered clock is used to sample and shift to left into
an internal register one bit each symbol period in 2-FSK
and two bits in 4-FSK. The symbol period is determined by
bits BD2 to BD0. On the basis of BD bits the demodulator
filter length is also set.
In the clock recovery, a pulse (SYMCLK) is generated
each n-bits, where n is defined by means of bits B2 to B0.
This pulse is used to update the register DMD3. Moreover,
it can be used as interrupt to the processor through the
IRQ1.3 (symbol interrupt).
The interrupt informs the controller that n bits are available
in the register DMD3.
The worst case time required to synchronize to incoming
data, when completely out of phase, is plotted for the
different baud rates in the following figure (see Fig.27).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com