Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 5Page - NXP Semiconductors PCA5010 Datasheet HTML 6Page - NXP Semiconductors PCA5010 Datasheet HTML 7Page - NXP Semiconductors PCA5010 Datasheet HTML 8Page - NXP Semiconductors PCA5010 Datasheet HTML 9Page - NXP Semiconductors PCA5010 Datasheet HTML 10Page - NXP Semiconductors PCA5010 Datasheet HTML 11Page - NXP Semiconductors PCA5010 Datasheet HTML 12Page - NXP Semiconductors PCA5010 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
1998 Nov 02
9
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
6
FUNCTIONAL DESCRIPTION
6.1
General
The PCA5010 contains a high-performance CMOS
microcontroller and the required peripheral circuitry to
implement high-speed pagers for the modern paging
protocols. For this purpose, features such as FSK
demodulator, protocol timer, real-time clock and DC/DC
converter have been integrated on-chip.
The microcontroller embedded within the PCA5010
implements the standard 80C51 architecture and supports
the complete instruction set of the 80C51 with all
addressing modes.
The PCA5010 contains 32 kbytes of OTP program
memory; 1.25 kbyte of static read/write data memory,
27 I/O lines, two 16-bit timer/event counters, a
fifteen-source two priority-level, nested interrupt structure
and on-chip oscillator and timing circuit.
The PCA5010 devices have several software selectable
modes of reduced activity for power reduction; Idle for the
CPU and standby or off for the DC/DC converter. The Idle
mode freezes the CPU while allowing the RAM, timers,
serial I/O and interrupt system to continue functioning.
The standby mode for the DC/DC converter allows a high
efficiency of the latter at low currents and the off mode
reduces the supply voltage to the battery level. In the off
mode the RAM contents are preserved, real-time clock
and protocol timer are operating, but all other chip
functions are inoperative.
Two serial interfaces are provided on-chip; a UART serial
interface and an I2C-bus serial interface. The I2C-bus
serial interface has byte oriented master functions allowing
communication with a whole family of I2C-bus compatible
slave devices.
6.2
CPU timing
The internal CPU timing of the PCA5010 is completely
different to other implementations of this core. The CPU is
realized in asynchronous handshaking technology, which
results in extremely low power consumption and low EMC
noise generation.
6.2.1
BASICS
The implementation of the CPU of the PCA5010 as a block
in handshake technology has become possible through
the TANGRAM tool set, developed in the Philips Natlab in
Eindhoven.
TANGRAM is a high level programming language which
allows the description of parallel and sequential processes
that can be compiled into logic on silicon. The CPU has the
following features:
• No clock is needed. Every function within the CPU is self
timed and always runs at the maximum speed that a
given silicon die under the current operating conditions
(supply voltage and temperature) allows.
• The CPU fetches opcodes with maximum speed until a
special mode (e.g. Idle) is entered that stops this
sequence.
• Only bytes that are required are fetched from the
program memory. The dummy read cycles which exist in
the standard 80C51 have been omitted to save power.
• To further speed up the execution of a program, the next
sequential byte is always fetched from the code memory
during the execution of the current command. In the
event of jumps the prefetched byte is discarded.
• Since no clocks are required, the operating power
consumption is essentially lower compared to
conventional architectures and Idle power consumption
is reduced to nearly zero (leakage only).
• Clocks are only required as timing references for
timers/counters and for generating the timing to the
off-chip world.
6.2.2
EXECUTION OF PROGRAMS FROM INTERNAL CODE
MEMORY
When code is executed in internal access mode (EA = 1),
the opcodes are fetched from the on-chip OTP. The OTP
is a self timed block which delivers data at maximum
speed. This is the preferred operating mode of the
PCA5010.
6.2.3
EXECUTION OF PROGRAMS FROM EXTERNAL CODE
MEMORY
When code is executed in external access mode (EA = 0),
the opcodes are fetched from an off-chip memory using
the standard signals ALE, PSEN and P0, P2 for
multiplexed data and address information. In this mode the
identical hardware configurations as for a standard 80C51
system can be used, even if the timing for ALE and PSEN
is slightly different because it is generated from an internal
oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com