Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 67Page - NXP Semiconductors PCA5010 Datasheet HTML 68Page - NXP Semiconductors PCA5010 Datasheet HTML 69Page - NXP Semiconductors PCA5010 Datasheet HTML 70Page - NXP Semiconductors PCA5010 Datasheet HTML 71Page - NXP Semiconductors PCA5010 Datasheet HTML 72Page - NXP Semiconductors PCA5010 Datasheet HTML 73Page - NXP Semiconductors PCA5010 Datasheet HTML 74Page - NXP Semiconductors PCA5010 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 112 page
background image
1998 Nov 02
71
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
6.22.9
DC/DC CONTROL REGISTER (DCCON0)
The DCCON0 special function register is used to control the operation of the on-chip DC/DC converter.
Table 56 DC/DC Control Register (DCCON0, SFR address D1H)
Table 57 Description of the DCCON0 bits
76543210
OFF
SBY
RXE
SBLI
−−
STB
BLI
BIT
SYMBOL
FUNCTION
DCCON0.7
OFF
Writing this SFR bit to logic 1 puts the DC/DC converter in the off mode (independent of
other control bits).
DCCON0.6
SBY
Writing this SFR bit to logic 1 puts the DC/DC converter in the standby mode, where the
DC/DC converter is clocked from the 76.8 kHz oscillator and the ripple voltage will be
higher. If the DC/DC converter is unable to deliver enough current in SBY mode, the
software has to reset the SBY mode.
DCCON0.5
RXE
Writing this SFR bit to logic 1 uses the stored set of coefficients from a local register to
force the DC/DC converter into the state which is appropriate for the required current.
The contents of this local register are maintained when the DC/DC converter is set into
off state. For the first time after connecting VBAT a set of default coefficients is used.
Writing this bit to logic 0 copies the actual coefficients used momentary by the DC/DC
converter back to the local register.
DCCON0.4
SBLI
Writing this SFR bit to logic 1 enables the circuitry for measurement of the battery
voltage. The new BLI value is valid 0.5 ms later. In order to make a new measurement,
the receiver should draw current (continuous mode of DC/DC converter). If SBLI is
logic 0 (BLI measurement disabled) BLI will go to HIGH.
DCCON0.3
−
Unused.
DCCON0.2
−
Unused.
DCCON0.1
STB
Set by the DC/DC converter after power-up. Reset by DC/DC converter if the
converter is not able to deliver the required power. The signal is set in SBY and non
SBY mode. This bit is read only.
DCCON0.0
BLI
Battery low indicator. Set by DC/DC converter if VBAT < 1100 mV ±50 mV. This bit is
read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com