Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 31Page - NXP Semiconductors PCA5010 Datasheet HTML 32Page - NXP Semiconductors PCA5010 Datasheet HTML 33Page - NXP Semiconductors PCA5010 Datasheet HTML 34Page - NXP Semiconductors PCA5010 Datasheet HTML 35Page - NXP Semiconductors PCA5010 Datasheet HTML 36Page - NXP Semiconductors PCA5010 Datasheet HTML 37Page - NXP Semiconductors PCA5010 Datasheet HTML 38Page - NXP Semiconductors PCA5010 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 112 page
background image
1998 Nov 02
35
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
6.12.2
6 MHZ OSCILLATOR CONTROL REGISTER (OS6CON)
The OS6CON special function register is used to control the operation of the on-chip 6 MHz oscillator. The 6 MHz
oscillator can be controlled as follows:
• It can be enabled or disabled. Disabling this oscillator when the DC/DC converter is in standby mode and no port I/O
nor I2C-bus activity is required saves current.
• The frequency of the oscillator can be adjusted by setting the SFx bits accordingly
• The actual frequency of this oscillator can be measured by writing the MFR bit to logic 1.
Table 24 6 MHz Oscillator Control Register (OS6CON, SFR address D3H)
Table 25 Description of the OS6CON bits
6.12.3
6 MHZ OSCILLATOR MEASURED FREQUENCY REGISTER (OS6M0)
The actual frequency of the 6 MHz on-chip oscillator can be calculated from the value in the OS6M0 special function
register, after a Measure Frequency operation (MFR).
Table 26 6 MHz Oscillator Measured Frequency Register (OS6M0, SFR address D4H)
The value stored in this SFR is the counted number of 6 MHz cycles during one 76.8 kHz period. The frequency of the
6 MHz oscillator is therefore f = MF
× 76800 Hz with a resolution of 76800 Hz.
76543210
ENB
−
SF4
SF3
SF2
SF1
SF0
MFR
BIT
SYMBOL
FUNCTION
OS6CON.7
ENB
Enable oscillator. If ENB = 1 then the function is enabled. The enable bit is only
cleared when the processor writes the bit to logic 0, or if the DC/DC converter is put into
‘OFF’ state and a reset is generated during the following power-up sequence.
OS6CON.6
−
unused
OS6CON.5
SF4
Set frequency. This 5-bit value adjusts the current of the ring oscillator and thus the
frequency. Writing a small value decreases the frequency. The nominal frequency of
6 MHz is assigned to code (SF4, SF3, SF2, SF1, SF0) = 00000. The resolution of the
frequency adjustment is 200 kHz per step, the range is approximately 3 to 9 MHz. In
order to start with the nominal frequency the MSB is inverted in this SFR.
OS6CON.4
SF3
OS6CON.3
SF2
OS6CON.2
SF1
OS6CON.1
SF0
OS6CON.0
MFR
Measure frequency. If a positive pulse is issued on this SFR-bit a frequency
measurement cycle is executed. The duration of this cycle is one period of 76.8 kHz.
The count of 6 MHz periods during the measurement cycle is reported back in OS6M0.
The bit must be reset by software.
76543210
MF7
MF6
MF5
MF4
MF3
MF2
MF1
MF0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com