Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 60Page - NXP Semiconductors PCA5010 Datasheet HTML 61Page - NXP Semiconductors PCA5010 Datasheet HTML 62Page - NXP Semiconductors PCA5010 Datasheet HTML 63Page - NXP Semiconductors PCA5010 Datasheet HTML 64Page - NXP Semiconductors PCA5010 Datasheet HTML 65Page - NXP Semiconductors PCA5010 Datasheet HTML 66Page - NXP Semiconductors PCA5010 Datasheet HTML 67Page - NXP Semiconductors PCA5010 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 112 page
background image
1998 Nov 02
64
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
Fig.38 Maximum available output current (mA) in standby mode.
handbook, full pagewidth
MGR346
0.8
1
1.2
1.6
8
4
2
6
5
3
7
1.4
VBAT (V)
Rs
(
Ω)
35
35
35
40
40
45
45
50
50
55
60
65
70
80
VDD = 2.2 V; Rs =RBAT +Rind +Rsw.
Fig.39 Efficiency in normal mode as a function of load current.
b. Rs =1 Ω.
a. Rs =6 Ω.
handbook, halfpage
020
100
0
20
MGR134
η
(%)
IL (mA)
40
60
80
4
8
12
16
(2)
(3)
(1)
handbook, halfpage
020
100
0
20
MGR135
IL (mA)
40
60
80
4
8
12
16
(2)
(3)
(1)
η
(%)
(1) VBAT = 1.5 V.
(2) VBAT = 1.2 V.
(3) VBAT = 0.9 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com