Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 20Page - NXP Semiconductors PCA5010 Datasheet HTML 21Page - NXP Semiconductors PCA5010 Datasheet HTML 22Page - NXP Semiconductors PCA5010 Datasheet HTML 23Page - NXP Semiconductors PCA5010 Datasheet HTML 24Page - NXP Semiconductors PCA5010 Datasheet HTML 25Page - NXP Semiconductors PCA5010 Datasheet HTML 26Page - NXP Semiconductors PCA5010 Datasheet HTML 27Page - NXP Semiconductors PCA5010 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 112 page
background image
1998 Nov 02
24
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
6.8.6
SERIAL STATUS REGISTER (S1STA)
The contents of this register may be used as a vector to a service routine. This optimizes the response time of the
software and consequently that of the I2C-bus. S1STA is a read-only register. The status codes for all available modes
of a single master I2C-bus interface are given in Tables 12 to 14.
Table 10 Serial Status Register (S1STA and SFR address D9H)
Table 11 Description of the S1STA bits
Table 12 MST/TRX mode
Table 13 MST/REC mode
Table 14 Miscellaneous
76543210
SC4
SC3
SC2
SC1
SC0
0
0
0
BIT
SYMBOL
FUNCTION
S1STA.3 to S1STA.7
SC4 to SC0
5-bit status code
S1STA.0 to S1STA.2
−
these 3 bits are held LOW
S1STA VALUE
DESCRIPTION
08H
a START condition has been transmitted
10H
a repeated START condition has been transmitted
18H
SLA and W have been transmitted, ACK has been received
20H
SLA and W have been transmitted, ACK received
28H
DATA of S1DAT has been transmitted, ACK received
30H
DATA of S1DAT has been transmitted, ACK received
S1STA VALUE
DESCRIPTION
40H
SLA and R have been transmitted, ACK received
48H
SLA and R have been transmitted, ACK received
50H
DATA has been received, ACK returned
58H
DATA has been received, ACK returned
S1STA VALUE
DESCRIPTION
78H
no information available (reset value); the serial interrupt flag SI, is not yet set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com