Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 27Page - NXP Semiconductors PCA5010 Datasheet HTML 28Page - NXP Semiconductors PCA5010 Datasheet HTML 29Page - NXP Semiconductors PCA5010 Datasheet HTML 30Page - NXP Semiconductors PCA5010 Datasheet HTML 31Page - NXP Semiconductors PCA5010 Datasheet HTML 32Page - NXP Semiconductors PCA5010 Datasheet HTML 33Page - NXP Semiconductors PCA5010 Datasheet HTML 34Page - NXP Semiconductors PCA5010 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 112 page
background image
1998 Nov 02
31
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
6.11
Clock correction
6.11.1
FUNCTION
The clock correction block is connected to the 76.8 kHz
oscillator. It operates directly on VBAT. By means of the
clock correction circuit a digital adjustment of the 76.8 kHz
oscillator signal is implemented.
An 18-bit interval counter inserts or deletes one pulse from
the 76.8 kHz clock each time its count has expired.
The interval is stored by the processor to the 18-bit interval
register CIV. Addition/deletion is performed by hardware.
Crystal offset correction can be performed with a
resolution of 5 ppm.
This block also generates the timing reference signals for
other functional blocks such as the RTC (4 Hz), watchdog
(16 Hz), Timer 0 (256 Hz), wake-up counter (9600 Hz)
and the demodulator/clock recovery block. The generation
of these timing references is always active and cannot be
disabled.
Fig.15 Block diagram of clock compensation.
handbook, full pagewidth
MGR116
1
STORE
76.8 kHz
corrected
38.4 kHz
internal
set flag
SFR to
microcontroller
RESET
with each
OFF cycle
SET
ENB
PLUS
BYPASS
TEST
CIV0 to CIV17
INTERVAL LATCH
(18-BIT)
reload data
INTERVAL COUNTER
(18-BIT)
(RELOAD ON CARRY)
&
VDD supply
RESET only
on RESETIN
CARRY
ADD/DELETE
ONE PULSE
ON CARRY
÷2
VBAT supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com